Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8525 Datasheet(PDF) 14 Page - ams AG

Part # AS8525
Description  LIN Transceiver with Voltage Regulators, Programmable Gain High Side Amplifier, and Voltage Attenuator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8525 Datasheet(HTML) 14 Page - ams AG

Back Button AS8525 Datasheet HTML 10Page - ams AG AS8525 Datasheet HTML 11Page - ams AG AS8525 Datasheet HTML 12Page - ams AG AS8525 Datasheet HTML 13Page - ams AG AS8525 Datasheet HTML 14Page - ams AG AS8525 Datasheet HTML 15Page - ams AG AS8525 Datasheet HTML 16Page - ams AG AS8525 Datasheet HTML 17Page - ams AG AS8525 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
www.ams.com/AS8525
Revision 2.3
13 - 37
AS8525
Datasheet - Electrical Character i s t ics
6.2.6 TX Timeout Watchdog
6.2.7 Temperature Limiter
D4
Worst case 10.4kbps
transmission
Vth_rec (min) = 0.389 x VSUP;
Vth_dom (min) = 0.251 x VSUP;
VSUP = 6V...18V; tbit = 96μs;
D4 = tbus_rec (max) / (2 x tbit)
OTP selection = Low Slew Mode
0.59
tdLR
VCC=5V; Propagation delay bus dominant to RX LOW
6
µs
tdHR
VCC=5V; Propagation delay bus dominant to RX HIGH
6
µs
tRS
Receiver Delay symmetry
-2
2
µs
twake
Wake-up delay time
30
150
µs
tsln
Transition from standby mode to normal mode
(clock frequency is 128kHz ±25%)
4
Clock
cycles
tnsl
Transition from standby mode to normal mode
(clock frequency is 128kHz ±25%)
6
Clock
cycles
trec_deb
Receiver De-bounce time
0.6
1
µs
Cint
Internal capacitance of the LIN node
250
pF
Table 12. TX Timeout Watchdog
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tlin_wdog
Time out period for the dominant
state
0.5
1
2
s
Table 13. Temperature Limiter
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Tsd
Shut down temperature
Junction temperature
155
170
185
ºC
Totset
Over-temperature warning
Junction temperature
142
157
172
ºC
Tret
Return temperature
Junction temperature
125
140
155
ºC
Table 11. AC Electrical Characteristics (Continued)
Symbol
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com