Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8525 Datasheet(PDF) 26 Page - ams AG

Part # AS8525
Description  LIN Transceiver with Voltage Regulators, Programmable Gain High Side Amplifier, and Voltage Attenuator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8525 Datasheet(HTML) 26 Page - ams AG

Back Button AS8525 Datasheet HTML 22Page - ams AG AS8525 Datasheet HTML 23Page - ams AG AS8525 Datasheet HTML 24Page - ams AG AS8525 Datasheet HTML 25Page - ams AG AS8525 Datasheet HTML 26Page - ams AG AS8525 Datasheet HTML 27Page - ams AG AS8525 Datasheet HTML 28Page - ams AG AS8525 Datasheet HTML 29Page - ams AG AS8525 Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
www.ams.com/AS8525
Revision 2.3
25 - 37
AS8525
Datasheet - Application In form atio n
Figure 10. Receive Mode Impulse Diagram
8.6 RX and TX Interface
8.6.1 Input TX
The 5V input TX controls directly the BUS level. LIN Transmitter acts like a slew-controlled level shifter. A dominant state (low) on TX leads to the
LIN bus being pulled low (dominant state) too. The TX pin has an internal active pull up connected to VCC. This guarantees that an open TX pin
generates a recessive BUS level.
Figure 11. TX Interface
8.6.2 Output RX
The received BUS signal will be output to the RX pin:
BUS < Vthr_cnt – 0.5 * Vthr_hys
→ RX = low
BUS > Vthr_cnt + 0.5 * Vthr_hys
→ RX = high
This output is a push-pull driver between VCC and GND with an output current of 1mA.
t < tdeb_BUS
t < tdeb_BUS
RX
BUS
40%
50%
60%
Vthr_max
Vthr_min
Vthr_hys
Vthr_cnt
VCC
TX
AS8525
MCU
VCC
IPU_TXD
RC-Filter
(10ns)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com