Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8525 Datasheet(PDF) 10 Page - ams AG

Part # AS8525
Description  LIN Transceiver with Voltage Regulators, Programmable Gain High Side Amplifier, and Voltage Attenuator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8525 Datasheet(HTML) 10 Page - ams AG

Back Button AS8525 Datasheet HTML 6Page - ams AG AS8525 Datasheet HTML 7Page - ams AG AS8525 Datasheet HTML 8Page - ams AG AS8525 Datasheet HTML 9Page - ams AG AS8525 Datasheet HTML 10Page - ams AG AS8525 Datasheet HTML 11Page - ams AG AS8525 Datasheet HTML 12Page - ams AG AS8525 Datasheet HTML 13Page - ams AG AS8525 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
www.ams.com/AS8525
Revision 2.3
9 - 37
AS8525
Datasheet - Electrical Character i s t ics
6.2 Detailed System and Block Specifications
RX Output
VOH
High level output voltage
V
VOL
Low level output voltage
IOUT = 1mA, VSUP ≥ 6V
VSS+0.
4
V
Ipu_reset
Pull-up current
Pulled down to VSS
-100
µA
SDO, RESET Output
VOH
High level output voltage
V
VOL
Low level output voltage
VSUP ≥ 6V
VSS+0.
4
V
Table 5. System Specifications
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Ivsupnom
Current consumption normal mode
No load on VCC, AVCC, LIN bus in
recessive state, Current sense channel ON
850
µA
Ivbatnom
60
Ivsup2nom
Current sense channel ON
600
Ivsupstdby
Current consumption standby /
sleep mode
No load on VCC, AVCC, LIN bus in
recessive state
40
µA
Ivsupsleep
30
Ivbatoff
Voltage sense channel OFF
1
Ivsup2off
Current sense channel OFF
1
Table 4. Characteristics of Digital Inputs and Outputs (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com