Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8525 Datasheet(PDF) 29 Page - ams AG

Part # AS8525
Description  LIN Transceiver with Voltage Regulators, Programmable Gain High Side Amplifier, and Voltage Attenuator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8525 Datasheet(HTML) 29 Page - ams AG

Back Button AS8525 Datasheet HTML 25Page - ams AG AS8525 Datasheet HTML 26Page - ams AG AS8525 Datasheet HTML 27Page - ams AG AS8525 Datasheet HTML 28Page - ams AG AS8525 Datasheet HTML 29Page - ams AG AS8525 Datasheet HTML 30Page - ams AG AS8525 Datasheet HTML 31Page - ams AG AS8525 Datasheet HTML 32Page - ams AG AS8525 Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
www.ams.com/AS8525
Revision 2.3
28 - 37
AS8525
Datasheet - Application In form atio n
8.8 4-Wire SPI Interface
SPI interface is essentially used for programming the gain of the PGA, to enable the PGA and resistive attenuator in the standby mode, to
temporarily shutdown the LDOs, etc. The SPI interface can also be used as interface between the AS8525 and an external micro-controller to
configure the device and access the status information. The interface is a slave and then only the microcontroller can start the communication.
The SPI protocol is very simple and the length of each frame is an integer multiple of byte except when a transmission is started. Basically each
frame has 1 command bits, 5 address/configuration bits, 1 or more data bytes. SPI clock polarity settings depend on the value of the SCLK on
the CS falling edge. This setting is done on each start of the SPI transaction. During the transaction SPI clock polarity will be fixed to the settings
done. On the CS falling edge the values on SCLK signal decide setting of the active SPI clock edge for data transfer (see Table below).
8.8.1 SPI Frame
A frame is formed by a first byte for command and address/configuration and a following bit stream that can be formed by an integer number of
bytes. Command is coded on the 1 first bit, while address is given on LSB 5 bits (see table below).
If the command is read or write, one or more bytes follow. When the micro-controller sends more bytes (keeping CS LOW and SCLK toggling),
the SPI interface increments the address of the previous data byte and writes/reads data to/from consecutive addresses.
8.8.2 Write Command
For Write command C0 = 0.
After the command code C0 and two reserved bits, the address of register to be written has to be provided from the MSB to the LSB. Then one
or more data bytes can be transferred, always from the MSB to the LSB. For each data byte following the first one, used address is the
incremented value of the previously written address. Each bit of the frame has to be driven by the SPI master on the SPI clock transfer edge and
the SPI slave on the next SPI clock edge samples it. These edges are selected as per clock polarity settings. In the following figures two
examples of write command (without and with address self-increment.
Table 19. CS and SCLK
CS
SCLK
Description
FALL
LOW
Serial data transferred on rising edge of SPI clock. Sampled at falling
edge of SPI clock.
FALL
HIGH
Serial data transferred on falling edge of SPI clock. Sampled at rising
edge of SPI clock.
ANY
ANY
Serial data transfer edge is unchanged.
Table 20. Command Bits
Command Bits
Register Address or Transmission Configuration
C0
Reserved
Reserved
A4
A3
A2
A1
A0
C0
Command
<A4:A0>
Description
0
WRITE
ADDRESS
Writes data byte on the given starting address.
1
READ
ADDRESS
Reads data byte from the given starting address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com