Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8525 Datasheet(PDF) 19 Page - ams AG

Part # AS8525
Description  LIN Transceiver with Voltage Regulators, Programmable Gain High Side Amplifier, and Voltage Attenuator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8525 Datasheet(HTML) 19 Page - ams AG

Back Button AS8525 Datasheet HTML 15Page - ams AG AS8525 Datasheet HTML 16Page - ams AG AS8525 Datasheet HTML 17Page - ams AG AS8525 Datasheet HTML 18Page - ams AG AS8525 Datasheet HTML 19Page - ams AG AS8525 Datasheet HTML 20Page - ams AG AS8525 Datasheet HTML 21Page - ams AG AS8525 Datasheet HTML 22Page - ams AG AS8525 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
www.ams.com/AS8525
Revision 2.3
18 - 37
AS8525
Datasheet - Detailed Descr i p ti on
7.4 LIN Transceiver
The device has a LIN transceiver with slew-controlled bus driver for controlling the electromagnetic emissions from the LIN bus. Further, the slew
rate is independent of the bus load. The transmitter relays the data from the LIN controller (TX pin) to the bus (LIN pin), and the receiver provides
the data on the bus to the controller (RX pin). The transceiver conforms to the LIN 2.1 standard.
The LIN transceiver has a timeout watchdog for TX. After the timeout, the LIN bus will be released to the recessive state from the dominant state.
The bus driver has an inbuilt short-circuit current limitation facility to protect the device from damage when there is a short between the bus and
the supply.
In addition to the data receiver, there is a low-power receiver active in the device standby/sleep mode which received a wake-up event from the
bus to bring the device to normal mode.
7.5 Temperature Monitor / Limiter
The temperature limiter circuit powers down the device when the junction temperature exceeds 170°C (nominal). It also issues an over-
temperature warning at 160°C (nominal). The device is powered up again when the junction temperature falls below 140°C (nominal). The over-
temperature warning flag is also cleared at this temperature.
The temperature limiter circuit can be optionally disabled through SPI.
7.6 VSUP Under-Voltage Reset
When VSUP drops below VSUVR_ON, the RESET_VSUP_N switches back to low level. This is treated as a master reset and will have the
highest priority over all other signals. In this case, the regulators, LIN transceiver, and all other blocks are shut off, and the device comes to a
complete stop. The device returns to the normal mode when VSUP rises over VSUVR_OFF again irrespective of the mode it was in prior to this
under-voltage condition.
7.7 RESET
RESET module generates an active-low reset signal for the external circuitry supplied by VCC. The behavior of the reset output is depicted in
Figure 6 in different cases. As shown, RESET signal is affected by an under-voltage condition on VCC and Watchdogs which are described in
detail in the subsequent sections.
The reset period can be one-time programmed to 4, 16, and 32 ms with a default value of 8 ms.
Figure 6. Reset Functionality
VCC
VSUP
VUVR_OFF
tRes
trr
T>Tj
T<Tj
t<trr
tRes
tRes
tRes
RESET
Start-up
Over-temp
Shutdown
Glitch in
VSUP
VSUP UV
SC Current
Limitation Active
VUVR_ON
tRes
Reset by
Watchdog



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com