Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8525 Datasheet(PDF) 35 Page - ams AG

Part # AS8525
Description  LIN Transceiver with Voltage Regulators, Programmable Gain High Side Amplifier, and Voltage Attenuator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8525 Datasheet(HTML) 35 Page - ams AG

Back Button AS8525 Datasheet HTML 30Page - ams AG AS8525 Datasheet HTML 31Page - ams AG AS8525 Datasheet HTML 32Page - ams AG AS8525 Datasheet HTML 33Page - ams AG AS8525 Datasheet HTML 34Page - ams AG AS8525 Datasheet HTML 35Page - ams AG AS8525 Datasheet HTML 36Page - ams AG AS8525 Datasheet HTML 37Page - ams AG AS8525 Datasheet HTML 38Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
www.ams.com/AS8525
Revision 2.3
34 - 37
AS8525
Datasheet - Pack a ge Drawin gs and Ma r k ings
9 Package Drawings and Markings
The devices are available in a 32-pin QFN (5x5) package.
Figure 22. 32-pin QFN (5x5) Package
Notes:
1. Dimensioning and tolerancing conform to ASME Y14.5M-1994.
2. All dimensions are in millimeters, angle is in degrees.
3. Dimension b applies to metallized terminal and is measured between 0.25 and 0.30mm from terminal tip. Dimension L1 represents ter-
minal full back from package edge up to 0.1mm is acceptable.
4. Coplanarity applies to the exposed heat slug as well as the terminal.
5. Radius on terminal is optional.
Symbol
Min
Typ
Max
A
0.80
0.90
1.00
A1
0.203 REF
b
0.18
0.23
0.30
D
5.00 BSC
E
5.00 BSC
Symbol
Min
Typ
Max
D1
3.50
3.60
3.70
E1
3.50
3.60
3.70
e
0.50 BSC
L
0.30
0.40
0.50
25
32
8
1
16
9
17
24
AYWWIZZ
AS8525
3111Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com