Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8525 Datasheet(PDF) 6 Page - ams AG

Part # AS8525
Description  LIN Transceiver with Voltage Regulators, Programmable Gain High Side Amplifier, and Voltage Attenuator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8525 Datasheet(HTML) 6 Page - ams AG

Back Button AS8525 Datasheet HTML 2Page - ams AG AS8525 Datasheet HTML 3Page - ams AG AS8525 Datasheet HTML 4Page - ams AG AS8525 Datasheet HTML 5Page - ams AG AS8525 Datasheet HTML 6Page - ams AG AS8525 Datasheet HTML 7Page - ams AG AS8525 Datasheet HTML 8Page - ams AG AS8525 Datasheet HTML 9Page - ams AG AS8525 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
www.ams.com/AS8525
Revision 2.3
5 - 37
AS8525
Datasheet - Pin Assignm ents
4 Pin Assignments
Figure 2. Pin Assignments (Top View)
4.1 Pin Descriptions
Table 1. Pin Descriptions
Pin Name
Pin Number
Pin Type
Description
NC
1
Not connected
VBAT
2
Analog Input
Battery voltage input
HRSHH
3
Battery-side connection to high-side current-sense element
VSUP2
4
Supply
Supply input for the high-side amplifier
HRSHL
5
Analog Input
Load-side connection to high-side current-sense element
NC
6
Not connected
VBAT_DIV
7
Analog Output
Attenuated battery voltage output (differential)
VBAT_DIVN
8
LRSHL
9
Gained current-sense element voltage output with translated
common-mode voltage (differential)
LRSHH
10
3
2
1
4
5
6
7
8
9
10
11
17
16
15
14
13
12
18
19
20
21
22
23
24
25
AS8525
(QFN-32)
28
27
26
VBAT
HRSHL
HRSHH
VCC
TX
RX
VBAT_DIV
CS
SDO
SDI
SCLK
29
32
31
30
AVCC
VBAT_DIVN
VSUP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com