Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1892 Datasheet(PDF) 13 Page - Integrated Circuit Systems

Part # ICS1892
Description  10Base-T/100Base-TX Integrated PHYceiver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1892 Datasheet(HTML) 13 Page - Integrated Circuit Systems

Back Button ICS1892 Datasheet HTML 9Page - Integrated Circuit Systems ICS1892 Datasheet HTML 10Page - Integrated Circuit Systems ICS1892 Datasheet HTML 11Page - Integrated Circuit Systems ICS1892 Datasheet HTML 12Page - Integrated Circuit Systems ICS1892 Datasheet HTML 13Page - Integrated Circuit Systems ICS1892 Datasheet HTML 14Page - Integrated Circuit Systems ICS1892 Datasheet HTML 15Page - Integrated Circuit Systems ICS1892 Datasheet HTML 16Page - Integrated Circuit Systems ICS1892 Datasheet HTML 17Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 148 page
background image
Chapter 3
ICS1892 Enhanced Features
ICS1892, Rev. D, 2/26/01
February 26, 2001
13
ICS1892
© 2000-2001, Integrated Circuit Systems, Inc.
All rights reserved.
Chapter 3
ICS1892 Enhanced Features
The ICS1892 is an enhanced version of the ICS 1890. In contrast to the ICS 1890, the ICS1892 offers
significant improvements in both performance and features while maintaining backward compatibility. The
specific differences between these devices are listed below.
1.
The ICS1892 employs an advanced digital signal processing (DSP) architecture that improves the
100Base-TX Receiver performance beyond that of any other PHY in the market. Specifically:
a. The ICS1892 DSP-based, adaptive equalization process allows the ICS1892 to accommodate a
maximum cable attenuation/insertion loss of 29 dB, which is nearly equivalent to the attenuation
loss of a 150-meter Category 5 cable.
b. The ICS1892 DSP-based, baseline-wander correction process virtually eliminates killer packets.
2.
The analog 10Base-T Receive Phase-Locked Loop (PLL) of the ICS 1890 is replaced with a digital PLL
in the ICS1892, thereby resulting in lower jitter and improved stability.
3.
The ICS 1890 Frequency-Locked Loop (FLL) that is part of the 100Base-TX Clock and Data Recovery
circuitry is replaced with a digital FLL in the ICS1892, also resulting in lower jitter and improved stability.
4.
The ICS1892 transmit circuits are improved in contrast to the ICS 1890, resulting in a decrease in the
magnitude of the 10Base-T harmonic content generated during transmission. (See ISO/IEC 8802-3:
1993 clause 8.3.1.3.)
5.
The ICS1892 supports the Auto-Negotiation Next Page functions described in IEEE Std 802.3u-1995
clause 28.2.3.4.
6.
The ICS1892 supports Management Frame (MF) Preamble Suppression.
7.
The ICS1892 provides the Remote Jabber capability.
8.
The ICS1892 has an improved version of the ICS 1890 10Base-T Squelch operation.
9.
The ICS1892 “seeds” (that is, initializes) the Transmit Stream Cipher Shift register by using the
ICS1892 PHY address from Table 8-16, which minimizes crosstalk and noise in repeater applications.
10. The ICS1892 offers an automatic 10Base-T power-down mode.
11. The enhanced features of the ICS1892 required some modifications to the ICS 1890 Management
Registers. However, the ICS1892 Management Registers are backward-compatible with the ICS 1890
Management Registers. Table 3-1 summarizes the differences between the ICS 1890 and the ICS1892
Management Registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com