Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1892 Datasheet(PDF) 15 Page - Integrated Circuit Systems

Part # ICS1892
Description  10Base-T/100Base-TX Integrated PHYceiver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1892 Datasheet(HTML) 15 Page - Integrated Circuit Systems

Back Button ICS1892 Datasheet HTML 11Page - Integrated Circuit Systems ICS1892 Datasheet HTML 12Page - Integrated Circuit Systems ICS1892 Datasheet HTML 13Page - Integrated Circuit Systems ICS1892 Datasheet HTML 14Page - Integrated Circuit Systems ICS1892 Datasheet HTML 15Page - Integrated Circuit Systems ICS1892 Datasheet HTML 16Page - Integrated Circuit Systems ICS1892 Datasheet HTML 17Page - Integrated Circuit Systems ICS1892 Datasheet HTML 18Page - Integrated Circuit Systems ICS1892 Datasheet HTML 19Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 148 page
background image
Chapter 4
Overview of the ICS1892
ICS1892, Rev. D, 2/26/01
February 26, 2001
15
ICS1892
© 2000-2001, Integrated Circuit Systems, Inc.
All rights reserved.
Chapter 4
Overview of the ICS1892
The ICS1892 is a stream processor. During data transmission, it accepts sequential nibbles from its MAC
(Media Access Control)/Repeater Interface, converts them into a serial bit stream, encodes them, and
transmits them over the medium through an external isolation transformer. When receiving data, the
ICS1892 converts and decodes a serial bit stream (acquired from an isolation transformer that interfaces
with the medium) into sequential nibbles. It subsequently presents these nibbles to its MAC/Repeater
Interface.
The ICS1892 implements the OSI model’s physical layer, consisting of the following, as defined by the
ISO/IEC 8802-3 standard:
• Physical Coding sublayer (PCS)
• Physical Medium Attachment sublayer (PMA)
• Physical Medium Dependent sublayer (PMD)
• Auto-Negotiation sublayer
The ICS1892 is transparent to the next layer of the OSI model, the link layer. The link layer has two
sublayers: the Logical Link Control sublayer and the MAC sublayer. The ICS1892 can interface directly to
a MAC and offers multiple, configurable modes of operation. Alternately, this configurable interface can be
connected to a repeater, which extends the physical layer of the OSI model.
The ICS1892 transmits framed packets acquired from its MAC/Repeater Interface and receives
encapsulated packets from another PHY, which it translates and presents to its MAC/Repeater Interface.
Note:
As per the ISO/IEC standard, the ICS1892 does not affect, nor is it affected by, the underlying
structure of the MAC/repeater frame it is conveying.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com