Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1892 Datasheet(PDF) 45 Page - Integrated Circuit Systems

Part # ICS1892
Description  10Base-T/100Base-TX Integrated PHYceiver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1892 Datasheet(HTML) 45 Page - Integrated Circuit Systems

Back Button ICS1892 Datasheet HTML 41Page - Integrated Circuit Systems ICS1892 Datasheet HTML 42Page - Integrated Circuit Systems ICS1892 Datasheet HTML 43Page - Integrated Circuit Systems ICS1892 Datasheet HTML 44Page - Integrated Circuit Systems ICS1892 Datasheet HTML 45Page - Integrated Circuit Systems ICS1892 Datasheet HTML 46Page - Integrated Circuit Systems ICS1892 Datasheet HTML 47Page - Integrated Circuit Systems ICS1892 Datasheet HTML 48Page - Integrated Circuit Systems ICS1892 Datasheet HTML 49Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 148 page
background image
Chapter 7
Functional Blocks
ICS1892, Rev. D, 2/26/01
February 26, 2001
45
ICS1892
© 2000-2001, Integrated Circuit Systems, Inc.
All rights reserved.
7.3.6
4B/5B Encoding/Decoding
The 4B/5B coding methodology maps each 4-bit nibble to a 5-bit symbol (also called a “code group”). There
are 32 five-bit symbols, which include the following:
• Of the 32 five-bit symbols, 16 five-bit symbols are required to represent the 4-bit nibbles.
• The remaining 16 five-bit symbols are available for control functions. The IEEE Standard defines 6
symbols for control, and the remaining 10 symbols of this grouping are invalid. The 6 control symbols
include the following:
– /H/ represents a Transmit Error
– /I/ represents an IDLE
– Two symbols represent the Start-of-Stream Delimiter (SSD): /J/ and /K/
– Two symbols represent the End-of-Stream Delimiter (ESD): /T/ and /R/
If the ICS1892 PCS receives:
– One of the 10 undefined symbols, it sets the QuickPoll Detailed Status Register’s Invalid Symbol bit
(bit 17.7) to logic one.
– A Halt symbol, it sets the Halt Symbol Detected bit in the QuickPoll Detailed Status Register (bit 17.6)
to logic one.
Note:
By an STA (1) setting the Extended Control Register’s Transmit Invalid Codes bit (bit 16.2) to logic
one and (2) asserting the TXER signal, an STA can force the ICS1892 to transmit symbols that are
typically classified as invalid. For more information, see Section 8.11.7, “Invalid Error Code Test (bit
16.2)”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com