Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1892 Datasheet(PDF) 91 Page - Integrated Circuit Systems

Part # ICS1892
Description  10Base-T/100Base-TX Integrated PHYceiver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1892 Datasheet(HTML) 91 Page - Integrated Circuit Systems

Back Button ICS1892 Datasheet HTML 87Page - Integrated Circuit Systems ICS1892 Datasheet HTML 88Page - Integrated Circuit Systems ICS1892 Datasheet HTML 89Page - Integrated Circuit Systems ICS1892 Datasheet HTML 90Page - Integrated Circuit Systems ICS1892 Datasheet HTML 91Page - Integrated Circuit Systems ICS1892 Datasheet HTML 92Page - Integrated Circuit Systems ICS1892 Datasheet HTML 93Page - Integrated Circuit Systems ICS1892 Datasheet HTML 94Page - Integrated Circuit Systems ICS1892 Datasheet HTML 95Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 148 page
background image
Chapter 8
Management Register Set
ICS1892, Rev. D, 2/26/01
February 26, 2001
91
ICS1892
© 2000-2001, Integrated Circuit Systems, Inc.
All rights reserved.
8.12.3
Auto-Negotiation Progress Monitor (bits 17.13:11)
The Auto-Negotiation Progress Monitor consists of the Auto-Negotiation Complete bit (bit 17.4) and the
three Auto-Negotiation Monitor bits (bits 17.13:11). The Auto-Negotiation Progress Monitor continually
examines the state of the Auto-Negotiation Process State Machine and reports the status of
Auto-Negotiation using the three Auto-Negotiation Monitor bits. Therefore, the value of these three bits
provides the status of the Auto-Negotiation Process.
These three bits are initialized to logic zero in one of the following ways:
A reset (see Section 5.1, “Reset Operations”)
Disabling Auto-Negotiation [see Section 8.2.4, “Auto-Negotiation Enable (bit 0.12)”]
Restarting Auto-Negotiation [see Section 8.2.7, “Restart Auto-Negotiation (bit 0.9)”]
If Auto-Negotiation is enabled, these bits continually latch the highest state that the Auto-Negotiation State
Machine achieves. That is, they are updated only if the binary value of the next state is greater than the
binary value of the present state as outlined in Table 8-19.
Note:
An MDIO read of these bits provides a history of the greatest progress achieved by the
auto-negotiation process. In addition, the MDIO read latches the present state of the
Auto-Negotiation State Machine for a subsequent read.
8.12.4
100Base Receive Signal Lost (bit 17.10)
The 100Base Receive Signal Lost bit indicates to an STA whether the ICS1892 has lost its 100Base
Receive Signal. If this bit is set to a logic:
Zero, it indicates the Receive Signal has remained valid since the last read of this register.
One, it indicates the Receive Signal was lost after the last read of this register.
This bit is a latching high bit. (For more information on latching high and latching low bits, see Section
8.1.4.1, “Latching High Bits” and Section 8.1.4.2, “Latching Low Bits”.)
Note:
This bit has no definition in 10Base-T mode.
Table 8-19.
Auto-Negotiation State Machine (Progress Monitor)
Auto-Negotiation State Machine
Auto-Negotiation Progress Monitor
Auto-
Negotiation
Complete Bit
(Bit 17.4)
Auto-
Negotiation
Monitor Bit 2
(Bit 17.13)
Auto-
Negotiation
Monitor Bit 1
(Bit 17.12)
Auto-
Negotiation
Monitor Bit 0
(Bit 17.11)
Idle
0000
Parallel Detected
0001
Parallel Detection Failure
0010
Ability Matched
0011
Acknowledge Match Failure
0100
Acknowledge Matched
0101
Consistency Match Failure
0110
Consistency Matched
0111
Auto-Negotiation Completed
Successfully
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com