Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1892 Datasheet(PDF) 20 Page - Integrated Circuit Systems

Part # ICS1892
Description  10Base-T/100Base-TX Integrated PHYceiver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1892 Datasheet(HTML) 20 Page - Integrated Circuit Systems

Back Button ICS1892 Datasheet HTML 16Page - Integrated Circuit Systems ICS1892 Datasheet HTML 17Page - Integrated Circuit Systems ICS1892 Datasheet HTML 18Page - Integrated Circuit Systems ICS1892 Datasheet HTML 19Page - Integrated Circuit Systems ICS1892 Datasheet HTML 20Page - Integrated Circuit Systems ICS1892 Datasheet HTML 21Page - Integrated Circuit Systems ICS1892 Datasheet HTML 22Page - Integrated Circuit Systems ICS1892 Datasheet HTML 23Page - Integrated Circuit Systems ICS1892 Datasheet HTML 24Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 148 page
background image
ICS1892, Rev. D, 2/26/01
February 26, 2001
20
Chapter 5
Operating Modes Overview
ICS1892 Data Sheet
© 2000-2001, Integrated Circuit Systems, Inc.
All rights reserved.
5.1.2.3
Software Reset
Entering Software Reset
Initiation of a software reset occurs when a management entity writes a logic one to Control Register bit
0.15. When this write occurs, the ICS1892 enters the reset state for two REF_IN clock cycles.
Note:
Entering a software reset is nearly identical to entering a hardware reset or a power-on reset,
except that during a software-initiated reset, the ICS1892 does not enter the power-down state.
Exiting Software Reset
At the completion of a reset (either hardware, power-on, or software), the ICS1892 sets all registers to their
default values. This action automatically clears (that is, sets equal to logic zero) Control Register bit 0.15,
the software reset bit. Therefore, for a software reset (only), bit 0.15 is a self-clearing bit that indicates the
completion of the reset process.
Note:
1.
The RESET* pin is active low but Control Register bit 0.15 is active high.
2.
Exiting a software reset is nearly identical to exiting a hardware reset or a power-on reset, except that
upon exiting a software-initiated reset, the ICS1892 does not re-latch its Serial Management Port
Address into the Extended Control Register. [For information on the Serial Management Port Address,
see Section 8.11.3, “PHY Address (bits 16.10:6)”.]
3.
The Control Register bit 0.15 does not represent the status of a hardware reset. It is a self-clearing bit
that is used to initiate a software reset. During a hardware or power-on reset, Control Register bit 0.15
does not get set to logic one. As a result, this bit 0.15 cannot be used to indicate the completion of the
reset process for hardware or power-on resets.
5.2
Power-Down Operations
The ICS1892 enters the power-down state whenever either (1) the RESET* pin is low or (2) Control
Register bit 0.11 (the Power-Down bit) is logic one. In the power-down state, the ICS1892 disables all
internal functions and drives all MAC/Repeater Interface output pins to logic zero except for those that
support the MII Serial Management Port. In addition, the ICS1892 tri-states its Twisted-Pair Transmit pins
(TP_TXP and TP_TXN) to achieve an additional reduction in power.
There is one significant difference between entering the power-down state by setting Control Register bit
0.11 as opposed to entering the power-down state during a reset. When the ICS1892 enters the
power-down state:
• By setting Control Register bit 0.11, the ICS1892 maintains the value of all Management Register bits
except for the latching low (LL), latching high (LH), and latching maximum (LMX) status bits. Instead,
these LL, LH, and LMX Management Register bits are re-initialized to their default values.
• During a reset, the ICS1892 sets all of its Management Register bits to their default values. It does not
maintain the state of any Management Register bit.
For more information on power-down operations, see the following:
• Section 8.14, “Register 19: Extended Control Register 2”
• Section 10.4, “DC Operating Characteristics”, which has tables that specify the ICS1892 power
consumption while in the power-down state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com