Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1892 Datasheet(PDF) 41 Page - Integrated Circuit Systems

Part # ICS1892
Description  10Base-T/100Base-TX Integrated PHYceiver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1892 Datasheet(HTML) 41 Page - Integrated Circuit Systems

Back Button ICS1892 Datasheet HTML 37Page - Integrated Circuit Systems ICS1892 Datasheet HTML 38Page - Integrated Circuit Systems ICS1892 Datasheet HTML 39Page - Integrated Circuit Systems ICS1892 Datasheet HTML 40Page - Integrated Circuit Systems ICS1892 Datasheet HTML 41Page - Integrated Circuit Systems ICS1892 Datasheet HTML 42Page - Integrated Circuit Systems ICS1892 Datasheet HTML 43Page - Integrated Circuit Systems ICS1892 Datasheet HTML 44Page - Integrated Circuit Systems ICS1892 Datasheet HTML 45Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 148 page
background image
Chapter 7
Functional Blocks
ICS1892, Rev. D, 2/26/01
February 26, 2001
41
ICS1892
© 2000-2001, Integrated Circuit Systems, Inc.
All rights reserved.
7.3
Functional Block: 100Base-X PCS and PMA Sublayers
Clause 24 of the ISO/IEC specification defines the 100Base-X Physical Coding sublayer (PCS) and
Physical Medium Attachment (PMA) sublayers. The ICS1892 is fully compliant with this clause in its
implementation.
7.3.1
PCS Sublayer
The ICS1892 100Base-X PCS sublayer provides two interfaces: one to a MAC/repeater and the other to
the ICS1892 PMA sublayer. In addition, it performs the transmit, receive, and control functions in
compliance with the ISO/IEC 8802-3 standard.
The ICS1892 100Base-X PCS PCS sublayer consists of the following:
PCS Transmit sublayer, which provides the following:
– Parallel-to-serial conversion
– 4B/5B encoding
– Collision detection
PCS Receive sublayer, which provides the following:
– Serial-to-parallel conversion
– 4B/5B encoding
– Carrier detection
– Code group framing
Two PCS controls, which provide the following functions for the MAC/Repeater Interface:
– Assertion of the CRS carrier sense signal (which is part of the carrier sense modules)
– Assertion of the COL collision detection signal (which is part of the transmit modules)
Note:
When configured for 100M Symbol mode operations, the MAC/Repeater Interface bypasses most
of the PCS. When the ICS1892 MAC/Repeater Interface is in this mode, most of its PCS Transmit
and Receive modules are inactive. However, its PCS control functions (CRS and COL) remain
operational.
7.3.2
PMA Sublayer
The ICS1892 100Base-X PMA Sublayer consists of two interfaces: one to the Physical Coding sublayer
and the other to the Physical Medium Dependent sublayer. Functionally, the PMA sublayer is responsible
for the following:
Link Monitoring
Carrier Detection
NRZI encoding/decoding
Transmit Clock Synthesis
Receive Clock Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com