Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1892 Datasheet(PDF) 67 Page - Integrated Circuit Systems

Part # ICS1892
Description  10Base-T/100Base-TX Integrated PHYceiver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1892 Datasheet(HTML) 67 Page - Integrated Circuit Systems

Back Button ICS1892 Datasheet HTML 63Page - Integrated Circuit Systems ICS1892 Datasheet HTML 64Page - Integrated Circuit Systems ICS1892 Datasheet HTML 65Page - Integrated Circuit Systems ICS1892 Datasheet HTML 66Page - Integrated Circuit Systems ICS1892 Datasheet HTML 67Page - Integrated Circuit Systems ICS1892 Datasheet HTML 68Page - Integrated Circuit Systems ICS1892 Datasheet HTML 69Page - Integrated Circuit Systems ICS1892 Datasheet HTML 70Page - Integrated Circuit Systems ICS1892 Datasheet HTML 71Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 148 page
background image
Chapter 8
Management Register Set
ICS1892, Rev. D, 2/26/01
February 26, 2001
67
ICS1892
© 2000-2001, Integrated Circuit Systems, Inc.
All rights reserved.
8.3.2
100Base-TX Full Duplex (bit 1.14)
The STA reads this bit to learn if the ICS1892 can support 100Base-TX, Full Duplex operations. The
ISO/IEC specification requires that the ICS1892 must set bit 1.14 to logic:
• Zero if it cannot support 100Base-TX, full-duplex operations.
• One if it can support 100Base-TX, full-duplex operations. (For the ICS1892, the default value of bit 1.14
is logic one. Therefore, when an STA reads the Status Register, the STA is informed that the ICS1892
supports 100Base-TX, full-duplex operations.)
This bit 1.14 is a Command Override Write bit, which allows an STA to alter the default value of this bit.
[See the description of bit 16.15, the Command Override Write Enable bit, in Section 8.11, “Register 16:
Extended Control Register”.]
8.3.3
100Base-TX Half Duplex (bit 1.13)
The STA reads this bit to learn if the ICS1892 can support 100Base-TX, half-duplex operations. The
ISO/IEC specification requires that the ICS1892 must set bit 1.13 to logic:
• Zero if it cannot support 100Base-TX, half-duplex operations.
• One if it can support 100Base-TX, half-duplex operations. (For the ICS1892, the default value of bit 1.13
is logic one. Therefore, when an STA reads the Status Register, the STA is informed that the ICS1892
supports 100Base-TX, half-duplex operations.)
This bit 1.13 is a Command Override Write bit, which allows an STA to alter the default value of this bit.
[See the description of bit 16.15, the Command Override Write Enable bit, in Section 8.11, “Register 16:
Extended Control Register”.]
8.3.4
10Base-T Full Duplex (bit 1.12)
The STA reads this bit to learn if the ICS1892 can support 10Base-T, full-duplex operations. The ISO/IEC
specification requires that the ICS1892 must set bit 1.12 to logic:
• Zero if it cannot support 10Base-T, full-duplex operations.
• One if it can support 10Base-T, full-duplex operations. (For the ICS1892, the default value of bit 1.12 is
logic one. Therefore, when an STA reads the Status Register, the STA is informed that the ICS1892
supports 10Base-T, full-duplex operations.)
This bit 1.12 is a Command Override Write bit, which allows an STA to alter the default value of this bit.
[See the description of bit 16.15, the Command Override Write Enable bit, in Section 8.11, “Register 16:
Extended Control Register”.]
8.3.5
10Base-T Half Duplex (bit 1.11)
The STA reads this bit to learn if the ICS1892 can support 10Base-T, half-duplex operations. The ISO/IEC
specification requires that the ICS1892 must set bit 1.11 to logic:
• Zero if it cannot support 10Base-T, half-duplex operations.
• One if it can support 10Base-T, half-duplex operations. (For the ICS1892, the default value of bit 1.11 is
logic one. Therefore, when an STA reads the Status Register, the STA is informed that the ICS1892
supports 10Base-T, half-duplex operations.)
Bit 1.11 of the ICS1892 Status Register is a Command Override Write bit., which allows an STA to alter the
default value of this bit. [See the description of bit 16.15, the Command Override Write Enable bit, in
Section 8.11, “Register 16: Extended Control Register”.]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com