Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1892 Datasheet(PDF) 44 Page - Integrated Circuit Systems

Part # ICS1892
Description  10Base-T/100Base-TX Integrated PHYceiver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1892 Datasheet(HTML) 44 Page - Integrated Circuit Systems

Back Button ICS1892 Datasheet HTML 40Page - Integrated Circuit Systems ICS1892 Datasheet HTML 41Page - Integrated Circuit Systems ICS1892 Datasheet HTML 42Page - Integrated Circuit Systems ICS1892 Datasheet HTML 43Page - Integrated Circuit Systems ICS1892 Datasheet HTML 44Page - Integrated Circuit Systems ICS1892 Datasheet HTML 45Page - Integrated Circuit Systems ICS1892 Datasheet HTML 46Page - Integrated Circuit Systems ICS1892 Datasheet HTML 47Page - Integrated Circuit Systems ICS1892 Datasheet HTML 48Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 148 page
background image
ICS1892, Rev. D, 2/26/01
February 26, 2001
44
Chapter 7
Functional Blocks
ICS1892 Data Sheet
© 2000-2001, Integrated Circuit Systems, Inc.
All rights reserved.
7.3.4.2
PMA Receive Modules
The ICS1892 PMA Receive module provides the following two functions:
• NRZI Decoding
– The Receive module performs the NRZI decoding on the serial bit stream received from the
Twisted-Pair Physical Medium Dependent (TP-PMD) sublayer. It converts the bit stream to a
unipolar, positive, binary format which the PMA subsequently passes it to the PCS.
– The PMA extracts the clock embedded in the serial data stream.
• Receive Clock Recovery
The Receive Clock Recovery function consists of a phase-locked loop (PLL) that operates on the serial
data stream received from the PMD sublayer. This PLL automatically synchronizes itself to the clock
encoded in the serial data stream and then provides both a recovered clock and data stream to the PCS.
The Receive Clock PLL requires a clock reference to acquire lock. Without a clock source, it continually
searches for a reference signal. Therefore, when the ICS1892 does not detect the presence of any signal
on its receive channel, it uses a Transmit Clock function to generate a reference for the Receive Clock PLL.
This is TBD.
The PMA Link Monitoring function observes the Receive Clock PLL. If the Receive Clock PLL cannot
acquire ‘lock’ on the serial data stream, it asserts an error signal. The status of this error signal can be read
in the QuickPoll Detailed Status Register’s PLL Lock Error bit (bit 17.9). This bit is a latching high (LH) bit.
(For more information on latching high and latching low bits, see Section 8.1.4.1, “Latching High Bits” and
Section 8.1.4.2, “Latching Low Bits”.)
In general, the ICS1892 PMA Link Monitor functions continually audit the state of the connection with the
remote link partner. They assert a receive channel error if a receive signal is not detected or if a PLL Lock
Error occurs. These errors, in turn, generate a link fault and force the link monitor functions to clear both the
Status Register’s Link Status bit (bit 1.2) and the QuickPoll Detailed Status Register’s Link Status bit (bit
17.0).
7.3.5
PCS Control Signal Generation
For the PCS sublayer, there are two control signals: a Carrier Sense signal (CRS) and a Collision Detect
signal (COL).
The CRS control signals is generated as follows:
1.
When a logic zero is detected in an idle bit stream, the Receive Functions examine the ensuing bits.
2.
When the Receive Functions find the first two non-contiguous zero bits, the Receive state machine
moves into the Carrier Detect state.
3.
As a result, the Boolean Receiving variable is set to TRUE.
4.
Consequently, the Carrier Sense state machine moves into the Carrier Sense ‘on’ state, which asserts
the CRS signal.
5.
If the PCS Functions:
a. Cannot confirm either the /I/J/ (IDLE, J) symbols or the /J/K/ symbols, the receive error signal
(RX_ER) is asserted, and the Receive state machine returns to the IDLE state. In IDLE, the
Boolean Receiving variable is set to FALSE, thereby causing the Carrier Sense state machine to
set the CRS signal to FALSE.
b. Can confirm the /I/J/K/ symbols, then the Receive state machine transitions to the ‘Receive’ state.
The COL control signal is generated by the transmit modules. For details, see Section 7.3.3.1, “PCS
Transmit Module”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com