Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1892 Datasheet(PDF) 64 Page - Integrated Circuit Systems

Part # ICS1892
Description  10Base-T/100Base-TX Integrated PHYceiver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1892 Datasheet(HTML) 64 Page - Integrated Circuit Systems

Back Button ICS1892 Datasheet HTML 60Page - Integrated Circuit Systems ICS1892 Datasheet HTML 61Page - Integrated Circuit Systems ICS1892 Datasheet HTML 62Page - Integrated Circuit Systems ICS1892 Datasheet HTML 63Page - Integrated Circuit Systems ICS1892 Datasheet HTML 64Page - Integrated Circuit Systems ICS1892 Datasheet HTML 65Page - Integrated Circuit Systems ICS1892 Datasheet HTML 66Page - Integrated Circuit Systems ICS1892 Datasheet HTML 67Page - Integrated Circuit Systems ICS1892 Datasheet HTML 68Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 148 page
background image
ICS1892, Rev. D, 2/26/01
February 26, 2001
64
Chapter 8
Management Register Set
ICS1892 Data Sheet
© 2000-2001, Integrated Circuit Systems, Inc.
All rights reserved.
8.2.5
Low Power Mode (bit 0.11)
This bit provides one way to control the ICS1892 low-power mode function. When bit 0.11 is logic:
• Zero, there is no impact to ICS1892 operations.
• One, the ICS1892 enters the low-power mode. In this case, the ICS1892 disables all internal functions
and drives all MAC/repeater output pins low except for those that support the MII Serial Management
Port.
Note:
There are two ways the ICS1892 can enter low-power mode. When entering low-power mode:
• By setting bit 0.11 to logic one, the ICS1892 maintains the value of all management register bits
except the latching high (LH) and latching low (LL) status bits, which are re-initialized to their
default values instead. (For more information on latching high and latching low bits, see Section
8.1.4.1, “Latching High Bits” and Section 8.1.4.2, “Latching Low Bits”.)
• During a reset, the ICS1892 sets all management register bits to their default values.
8.2.6
Isolate (bit 0.10)
This bit controls the ICS1892 Isolate function. When bit 0.10 is logic:
• Zero, there is no impact to ICS1892 operations.
• One, the ICS1892 electrically isolates its data paths from the MAC/Repeater Interface. The ICS1892
places all MAC/repeater output signals, (TXCLK, RXCLK, RXDV, RXER, RXD[3:0], COL, and CRS), in a
high-impedance state and it isolates all MAC/repeater input signals, (TXD[3:0], TXEN, and TXER). In
this mode, the Management Interface continues to operate normally (that is, bit 0.10 does not affect the
Management Interface).
The default value for bit 0.10 depends upon the PHY address of Table 8-16. If the PHY address:
• Is equal to 00000b, then the default value of bit 0.10 is logic one, and the ICS1892 isolates itself from the
MAC/Repeater Interface.
• Is not equal to 00000b, then the default value of bit 0.10 is logic zero, and the ICS1892 does not isolate
its MAC/Repeater Interface.
8.2.7
Restart Auto-Negotiation (bit 0.9)
This bit allows an STA to restart the auto-negotiation process in Software mode (that is, the HW/SW pin is
logic one). When bit 0.12 is logic:
• Zero, the Auto-Negotiation sublayer is disabled, and the ICS1892 isolates any attempt by the STA to set
bit 0.9 to logic one.
• One (as set by an STA), the ICS1892 restarts the auto-negotiation process. Once the auto-negotiation
process begins, the ICS1892 automatically sets this bit to logic zero, thereby providing the self-clearing
feature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com