Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1892 Datasheet(PDF) 43 Page - Integrated Circuit Systems

Part # ICS1892
Description  10Base-T/100Base-TX Integrated PHYceiver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1892 Datasheet(HTML) 43 Page - Integrated Circuit Systems

Back Button ICS1892 Datasheet HTML 39Page - Integrated Circuit Systems ICS1892 Datasheet HTML 40Page - Integrated Circuit Systems ICS1892 Datasheet HTML 41Page - Integrated Circuit Systems ICS1892 Datasheet HTML 42Page - Integrated Circuit Systems ICS1892 Datasheet HTML 43Page - Integrated Circuit Systems ICS1892 Datasheet HTML 44Page - Integrated Circuit Systems ICS1892 Datasheet HTML 45Page - Integrated Circuit Systems ICS1892 Datasheet HTML 46Page - Integrated Circuit Systems ICS1892 Datasheet HTML 47Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 148 page
background image
Chapter 7
Functional Blocks
ICS1892, Rev. D, 2/26/01
February 26, 2001
43
ICS1892
© 2000-2001, Integrated Circuit Systems, Inc.
All rights reserved.
7.3.4
PCS/PMA Receive Modules
Both the PCS and PMA sublayers have Receive modules.
7.3.4.1
PCS Receive Module
The ICS1892 PCS Receive module accepts both a serial bit stream and a clock signal from the PMA
sublayer. The PCS Receive module converts the bit stream from a serial format to a parallel format and
then processes the data to detect the presence of a carrier.
When a link is in the idle state, the PCS Receive module receives IDLE symbols. (All bits are logic one.)
Upon receiving two non-contiguous zeros in the bit stream, the PCS Receive module examines the
ensuing bits and attempts to locate the Start-of-Stream Delimiter (SSD), that is, the /J/K/ symbols.
Upon verification of a valid SSD, the PCS Receive module substitutes the first two standard nibbles of a
Frame Preamble for the detected SSD. In addition, the PCS Receive module uses the SSD to begin
framing the ensuing data into 5-bit code symbols. The final PCS Receive module performs 4B/5B decoding
on the symbols and then synchronously passes the resulting nibbles to the MAC/Repeater Interface.
The Receive state machine continues to accept PMA data, convert it from serial to parallel format, frame it,
decode it, and pass it to the MAC/Repeater Interface. During this time, the Receive state machine
alternates between the Receive and Data States and continues this process until detection of one of the
following:
• An End-of-Stream Delimiter (ESD, that is, the /T/R/ symbols)
• An error
• A premature end (IDLEs)
Upon receipt of an ESD, the Receive state machine returns to the IDLE state without passing the ESD to
the MAC/Repeater Interface. Detection of an error forces the Receive state machine to assert the receive
error signal (RX_ER) and wait for the next symbol. If the ICS1892 Receive state machine detects a
premature end, it forces the assertion of the RX_ER signal, sets the Premature End bit (bit 17.5) to logic
one, and transitions to the IDLE State.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com