Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1892 Datasheet(PDF) 92 Page - Integrated Circuit Systems

Part # ICS1892
Description  10Base-T/100Base-TX Integrated PHYceiver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1892 Datasheet(HTML) 92 Page - Integrated Circuit Systems

Back Button ICS1892 Datasheet HTML 88Page - Integrated Circuit Systems ICS1892 Datasheet HTML 89Page - Integrated Circuit Systems ICS1892 Datasheet HTML 90Page - Integrated Circuit Systems ICS1892 Datasheet HTML 91Page - Integrated Circuit Systems ICS1892 Datasheet HTML 92Page - Integrated Circuit Systems ICS1892 Datasheet HTML 93Page - Integrated Circuit Systems ICS1892 Datasheet HTML 94Page - Integrated Circuit Systems ICS1892 Datasheet HTML 95Page - Integrated Circuit Systems ICS1892 Datasheet HTML 96Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 148 page
background image
ICS1892, Rev. D, 2/26/01
February 26, 2001
92
Chapter 8
Management Register Set
ICS1892 Data Sheet
© 2000-2001, Integrated Circuit Systems, Inc.
All rights reserved.
8.12.5
PLL Lock Error (bit 17.9)
The Phase Locked Loop (PLL) Lock Error bit indicates to an STA whether the ICS1892 has ever
experienced a PLL Lock Error. A PLL Lock Error occurs when a the PLL fails to lock onto the incoming
100Base data stream. If this bit is set to a logic:
• Zero, it indicates that a PLL Lock Error has not occurred since the last read of this register.
• One, it indicates that a PLL Lock Error has occurred after the last read of this register.
This bit is a latching high bit. (For more information on latching high and latching low bits, see Section
8.1.4.1, “Latching High Bits” and Section 8.1.4.2, “Latching Low Bits”.)
Note:
This bit has no definition in 10Base-T mode.
8.12.6
False Carrier (bit 17.8)
The False Carrier bit indicates to an STA the detection of a False Carrier by the ICS1892 in 100Base mode.
A False Carrier occurs when the ICS1892 begins evaluating potential data on the incoming 100Base data
stream, only to learn that it was not a valid /J/K/. If this bit is set to a logic:
• Zero, it indicates that a False Carrier has not been detected since the last read of this register.
• One, it indicates that a False Carrier was detected since the last read of this register.
This bit is a latching high bit. (For more information on latching high and latching low bits, see Section
8.1.4.1, “Latching High Bits” and Section 8.1.4.2, “Latching Low Bits”.)
Note:
This bit has no definition in 10Base-T mode.
8.12.7
Invalid Symbol (bit 17.7)
The Invalid Symbol bit indicates to an STA the detection of an Invalid Symbol in a 100Base data stream by
the ICS1892.
During reception of a valid packet, the ICS1892 examines each Symbol to ensure that the data being
passed to the MAC/Repeater Interface is error free. If an error occurs, the ICS1892 indicates this condition
to the MAC/repeater. An Invalid Symbol occurs when the ICS1892 evaluates a valid packet and finds an
Invalid Symbol in the data.
If this bit is set to a logic:
• Zero, it indicates an Invalid Symbol has not been detected since the last read of this register.
• One, it indicates an Invalid Symbol was detected since the last read of this register.
This bit is a latching high bit. (For more information on latching high and latching low bits, see Section
8.1.4.1, “Latching High Bits” and Section 8.1.4.2, “Latching Low Bits”.)
Note:
This bit has no definition in 10Base-T mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com