Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1892 Datasheet(PDF) 60 Page - Integrated Circuit Systems

Part # ICS1892
Description  10Base-T/100Base-TX Integrated PHYceiver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1892 Datasheet(HTML) 60 Page - Integrated Circuit Systems

Back Button ICS1892 Datasheet HTML 56Page - Integrated Circuit Systems ICS1892 Datasheet HTML 57Page - Integrated Circuit Systems ICS1892 Datasheet HTML 58Page - Integrated Circuit Systems ICS1892 Datasheet HTML 59Page - Integrated Circuit Systems ICS1892 Datasheet HTML 60Page - Integrated Circuit Systems ICS1892 Datasheet HTML 61Page - Integrated Circuit Systems ICS1892 Datasheet HTML 62Page - Integrated Circuit Systems ICS1892 Datasheet HTML 63Page - Integrated Circuit Systems ICS1892 Datasheet HTML 64Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 148 page
background image
ICS1892, Rev. D, 2/26/01
February 26, 2001
60
Chapter 8
Management Register Set
ICS1892 Data Sheet
© 2000-2001, Integrated Circuit Systems, Inc.
All rights reserved.
8.1.2
Management Register Bit Access
The ICS1892 Management Registers include one or more of the three following types of bits:
8.1.3
Management Register Bit Default Values
The tables in this chapter specify for each register bit the default value, if one exists. The ICS1892 sets all
Management Register bits to their default values after a reset. Table 8-4 lists the valid default values for
ICS1892 management register bits.
Note:
The ICS1892 has a number of reserved bits throughout the Management Registers. Most of these
bits provide enhanced test modes. The Management Register tables provide the default values for
these bits. The STA must not change the value of these bits under any circumstance. If the STA
inadvertently changes the default values of these reserved register bits, normal operation of the
ICS1892 can be affected.
Table 8-3.
Description of Management Register Bit Types
Management
Register Bit Types
Bit
Symbol
Description
Read-Only
RO
An STA can obtain the value of a RO register bit. However, it cannot
alter the value of (that is, it cannot write to) an RO register bit. The
ICS1892 isolates any STA attempt to write a value to an RO bit.
Command Override
Write
CW
An STA can read a value from a CW register bit. However, write
operations are conditional, based on the value of the Command
Register Override bit (bit 16.15). When bit 16.15 is logic:
• Zero (the default), the ICS1892 isolates STA attempts to write to
the CW bits (that is, CW bits cannot be altered when bit 16.15 is
logic zero).
• One, the ICS1892 permits an STA to alter the value of the CW bits
in the subsequent register write. (Bit 16.15 is self-clearing and
automatically clears to zero on the subsequent write.)
Read/Write
R/W
An STA can unconditionally read from or write to a R/W register bit.
Read/Write Zero
R/W0
An STA can unconditionally read from a R/W0 register bit, but only a
‘0’ value can be written to this bit.
Table 8-4.
Range of Possible Valid Default Values for ICS1892 Register Bits
Default Condition
Default Value
–
Indicates there is no default value for the bit
0
Indicates the bit’s default value is logic zero
1
Indicates the bit’s default value is logic one
State of pin at reset
For some bits, the default value depends on the state of a particular pin at reset
(that is, the state value of a pin is latched at reset.) An example of pins that have
a default condition that depends on the state of the pin at reset are the PHY / LED
pins (P0AC, P1CL, P2LI, P3TD, and P4RD) discussed in Section 6.9, “Status
Interface”, Section 8.11, “Register 16: Extended Control Register”, and Section
9.2.2, “Multi-Function (Multiplexed) Pins: PHY Address and LED Pins”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com