Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1892 Datasheet(PDF) 83 Page - Integrated Circuit Systems

Part # ICS1892
Description  10Base-T/100Base-TX Integrated PHYceiver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1892 Datasheet(HTML) 83 Page - Integrated Circuit Systems

Back Button ICS1892 Datasheet HTML 79Page - Integrated Circuit Systems ICS1892 Datasheet HTML 80Page - Integrated Circuit Systems ICS1892 Datasheet HTML 81Page - Integrated Circuit Systems ICS1892 Datasheet HTML 82Page - Integrated Circuit Systems ICS1892 Datasheet HTML 83Page - Integrated Circuit Systems ICS1892 Datasheet HTML 84Page - Integrated Circuit Systems ICS1892 Datasheet HTML 85Page - Integrated Circuit Systems ICS1892 Datasheet HTML 86Page - Integrated Circuit Systems ICS1892 Datasheet HTML 87Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 148 page
background image
Chapter 8
Management Register Set
ICS1892, Rev. D, 2/26/01
February 26, 2001
83
ICS1892
© 2000-2001, Integrated Circuit Systems, Inc.
All rights reserved.
8.9.1
Next Page (bit 7.15)
This bit is used by a PHY/STA to enable the transmission of Next Pages following the base Link Control
Word as long as the remote link partner supports the Next Page features of Auto-Negotiation.
This bit is used to establish the state of the Next Page (NP) bit of the Next Page Link Control Word (that is,
the NP bit of the Next Page Link Control Word tracks this bit). During a Next Page exchange, if the NP bit
is logic:
• Zero, it indicates to the remote link partner that this is the last Message or Page.
• One, it indicates to the remote link partner that additional Pages follow this Message.
8.9.2
IEEE Reserved Bit (bit 7.14)
The ISO/IEC specification reserves this bit for future use. When this reserved bits is:
• Read by an STA, the ICS1892 returns a logic zero.
• Written to by an STA, the STA must use the default value specified in this data sheet.
ICS uses some of these reserved bits to invoke auxiliary functions. To ensure proper operation of the
ICS1892, an STA must maintain the default value of these bits. Therefore, ICS recommends that an STA
always write the default value of any reserved bits during all management register write operations.
8.9.3
Message Page (bit 7.13)
The Message Page (MP) bit (bit 7.13) is used to determine the format or type of Page being transmitted.
The value of this bit establishes the state of the MP bit in the Next Page Link Control Word.
If this bit is set to logic:
• Zero, it indicates that the Page is an Unformatted Page.
• One, it indicates to the remote link partner that the Page being transmitted is a Message Page.
8.9.4
Acknowledge 2 (bit 7.12)
This bit is used to indicate the ability of the ICS1892 to comply with a message.
The value of this bit establishes the state of the Ack2 bit in the Next Page Link Control Word. If this bit is set
to logic:
• Zero, it indicates that the ICS1892 cannot comply with the message.
• One, it indicates to the remote link partner that the ICS1892 can comply with the message.
8.9.5
Toggle (bit 7.11)
The Toggle (T) bit (bit 7.11) is used to synchronize the transmission of Next Page messages with the
remote link partner. The value of this bit establishes the state of the Toggle bit in the Next Page Link Control
Word. This bit toggles with each transmitted Link Control Word.
If the previous Next Page Link Control Word Toggle bit has a value of logic:
• Zero, then the Toggle bit is set to logic one.
• One, then the Toggle bit is set to logic zero.
The initial Next Page Link Control Word Toggle bit is set to the inverse of the base Link Control Word bit 11.
8.9.6
Message Code Field / Unformatted Code Field (bits 7.10:0)
Bits 7.10:0 represent either the Message Code field M[10:0] or the Unformatted Code field U[10:0] bits. The
value of these bits establish the state of the M[10:0] / U[10:0] bits in the Next Page Link Control Word.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com