Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1892 Datasheet(PDF) 35 Page - Integrated Circuit Systems

Part # ICS1892
Description  10Base-T/100Base-TX Integrated PHYceiver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1892 Datasheet(HTML) 35 Page - Integrated Circuit Systems

Back Button ICS1892 Datasheet HTML 31Page - Integrated Circuit Systems ICS1892 Datasheet HTML 32Page - Integrated Circuit Systems ICS1892 Datasheet HTML 33Page - Integrated Circuit Systems ICS1892 Datasheet HTML 34Page - Integrated Circuit Systems ICS1892 Datasheet HTML 35Page - Integrated Circuit Systems ICS1892 Datasheet HTML 36Page - Integrated Circuit Systems ICS1892 Datasheet HTML 37Page - Integrated Circuit Systems ICS1892 Datasheet HTML 38Page - Integrated Circuit Systems ICS1892 Datasheet HTML 39Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 148 page
background image
Chapter 7
Functional Blocks
ICS1892, Rev. D, 2/26/01
February 26, 2001
35
ICS1892
© 2000-2001, Integrated Circuit Systems, Inc.
All rights reserved.
7.2
Functional Block: Auto-Negotiation
The auto-negotiation logic of the ICS1892 has the following main functions:
• To determine the capabilities of the remote link partner, (that is, the device at the other end of the link
segment’s medium or cable)
• To advertise the capabilities of the ICS1892 to the remote link partner
• To establish a protocol with the remote link partner using the highest-performance operating mode that
they have in common
The design of the ICS1892 Auto-Negotiation sublayer supports both legacy 10Base-T connections as well
as new connections that have multiple technology options for the link. For example, when the ICS1892 has
the auto-negotiation process enabled and it is operating with a 10Base-T remote link partner, the ICS1892
monitors the link and automatically selects the 10Base-T operating mode – even though the remote link
partner does not support auto-negotiation. This process, called parallel detection, is automatic and
transparent to the remote link partner and allows the ICS1892 to function seamlessly with existing legacy
network structures without any management intervention.
(For an overview of the auto-negotiation process, see Section 5.4, “Auto-Negotiation Operations”.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com