Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1892 Datasheet(PDF) 49 Page - Integrated Circuit Systems

Part # ICS1892
Description  10Base-T/100Base-TX Integrated PHYceiver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1892 Datasheet(HTML) 49 Page - Integrated Circuit Systems

Back Button ICS1892 Datasheet HTML 45Page - Integrated Circuit Systems ICS1892 Datasheet HTML 46Page - Integrated Circuit Systems ICS1892 Datasheet HTML 47Page - Integrated Circuit Systems ICS1892 Datasheet HTML 48Page - Integrated Circuit Systems ICS1892 Datasheet HTML 49Page - Integrated Circuit Systems ICS1892 Datasheet HTML 50Page - Integrated Circuit Systems ICS1892 Datasheet HTML 51Page - Integrated Circuit Systems ICS1892 Datasheet HTML 52Page - Integrated Circuit Systems ICS1892 Datasheet HTML 53Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 148 page
background image
Chapter 7
Functional Blocks
ICS1892, Rev. D, 2/26/01
February 26, 2001
49
ICS1892
© 2000-2001, Integrated Circuit Systems, Inc.
All rights reserved.
7.5
Functional Block: 10Base-T Operations
The ICS1892 supports both 10Base-T and 100Base-TX operations. When configured for 10Base-T mode,
the MAC/Repeater Interface can provide either a 10M MII (Media Independent Interface) or a 10M Serial
Interface. The Twisted-Pair Interface is not configurable. ISO/IEC standards specifically define its
operation. (For more information on the Twisted-Pair Interface, see Section 6.6, “Twisted-Pair Interface”.)
There are some important differences between 10Base-T and 100Base-TX operations. The 10Base-T
operation is fundamentally simpler than 100Base-TX. The data rate is slower, requiring less encoding than
100Base-TX operations (that is, the bandwidth requirements and the line attenuation issues are not as
severe as with 100-MHz operations). Consequently, when the ICS1892 is set for 10Base-T operations, it
uses fewer sublayers in contrast to 100Base-TX operations.
For an overview of 10Base-T operations, see Section 5.6, “10Base-T Operations”.
7.5.1
10Base-T Operation: Manchester Encoder/Decoder
The ISO/IEC specification requires the use of a Manchester-encoded signal for 10Base-T operations.
During transmission operations, the ICS1892 acquires data from the MAC/Repeater Interface, in either
4-bit nibbles or as a serial bit stream.
A Manchester Encoder encodes the data before passing it to the Twisted-Pair Transmitter. In a
Manchester-encoded signal, all logic:
• Ones are:
– Positive during the first half of the bit period
– Negative during the second half of the bit period
• Zeros are:
– Negative during the first half of the bit period
– Positive during the second half of the bit period
During reception operations, a Manchester Decoder translates the serial bit stream obtained from the
Twisted-Pair Receiver into an NRZ bit stream. The Manchester Decoder subsequently passes the data to
the MAC/Repeater Interface in either serial or parallel format, depending on the interface configuration.
The advantages in using Manchester-encoded signals are the following:
• Each bit period has an encoded clock.
• The split-phase nature of the signal always provides a zero DC level regardless of the data.
The primary disadvantage in using Manchester-encoded signals is that it doubles the data rate, making it
operationally prohibitive for 100-MHz operations.
7.5.2
10Base-T Operation: Clock Synthesis
The ICS1892 synthesizes the clocks required for synchronizing data transmission. In 10Base-T mode, the
MAC/Repeater Interface can provide either a 10M MII (Media Independent Interface) or a 10M Serial
Interface. When the ICS1892 is configured to support a:
• 10M MII interface, the ICS1892 synthesizes a 2.5-MHz clock for nibble-wide transactions
• 10M Serial Interface to the MAC/repeater, the ICS1892 synthesizes a 10-MHz clock
7.5.3
10Base-T Operation: Clock Recovery
The ICS1892 recovers its receive clock from the data stream obtained from the Twisted-Pair Receiver. It
employs a phase-locked loop (PLL) to recover the clock from this Manchester-encoded data.
Subsequently, the ICS1892 uses this recovered clock for synchronizing the data transmission between
itself and the MAC/repeater. Receive-clock PLL acquisition begins with reception of the MAC Frame
Preamble and continues as long as the ICS1892 is receiving data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com