Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1892 Datasheet(PDF) 89 Page - Integrated Circuit Systems

Part # ICS1892
Description  10Base-T/100Base-TX Integrated PHYceiver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1892 Datasheet(HTML) 89 Page - Integrated Circuit Systems

Back Button ICS1892 Datasheet HTML 85Page - Integrated Circuit Systems ICS1892 Datasheet HTML 86Page - Integrated Circuit Systems ICS1892 Datasheet HTML 87Page - Integrated Circuit Systems ICS1892 Datasheet HTML 88Page - Integrated Circuit Systems ICS1892 Datasheet HTML 89Page - Integrated Circuit Systems ICS1892 Datasheet HTML 90Page - Integrated Circuit Systems ICS1892 Datasheet HTML 91Page - Integrated Circuit Systems ICS1892 Datasheet HTML 92Page - Integrated Circuit Systems ICS1892 Datasheet HTML 93Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 148 page
background image
Chapter 8
Management Register Set
ICS1892, Rev. D, 2/26/01
February 26, 2001
89
ICS1892
© 2000-2001, Integrated Circuit Systems, Inc.
All rights reserved.
8.12
Register 17: Quick Poll Detailed Status Register
Table 8-18 lists the bits for the Quick-Poll Detailed Status Register. This register is a 16-bit read-only
register used to provide an STA with detailed status of the ICS1892 operations. During reset, it is initialized
to pre-defined default values.
Note:
1.
For an explanation of acronyms used in Table 8-18, see Chapter 1, “Abbreviations and Acronyms”.
2.
Most of this register’s bits are latching high or latching low, which allows the ICS1892 to capture and
save the occurrence of an event for an STA to read. (For more information on latching high and latching
low bits, see Section 8.1.4.1, “Latching High Bits” and Section 8.1.4.2, “Latching Low Bits”.)
3.
Although some of these status bits are redundant with other management registers, the ICS1892
provides this group of bits to minimize the number of Serial Management Cycles required to collect the
status data.
4.
During any write operation to any bit in this register, the STA must write the default value to all
Reserved bits.
Table 8-18.
Quick Poll Detailed Status Register (register 17 [0x11])
Bit
Definition
When Bit = 0
When Bit = 1
Ac-
cess
SF
De-
fault
Hex
17.15
Data rate
10 Mbps
100 Mbps
RO
–
–
–
17.14
Duplex
Half duplex
Full duplex
RO
–
–
17.13
Auto-Negotiation
Progress Monitor Bit 2
Reference Decode Table
Reference Decode Table
RO
LMX
0
17.12
Auto-Negotiation
Progress Monitor Bit 1
Reference Decode Table
Reference Decode Table
RO
LMX
0
17.11
Auto-Negotiation
Progress Monitor Bit 0
Reference Decode Table
Reference Decode Table
RO
LMX
0
0
17.10
100Base-TX signal
lost
Valid signal
Signal lost
RO
LH
0
17.9
Phase-Locked Loop
locked
PLL locked
PLL failed to lock
RO
LH
0
17.8
False Carrier detect
Normal Carrier or Idle
False Carrier
RO
LH
0
17.7
Invalid symbol
detected
Valid symbols observed
Invalid symbol received
RO
LH
0
0
17.6
Halt Symbol detected
No Halt Symbol received
Halt Symbol received
RO
LH
0
17.5
Premature End
detected
Normal data stream
Stream contained two
IDLE symbols
RO
LH
0
17.4
Auto-Negotiation
complete
Auto-Negotiation in
process
Auto-Negotiation
complete
RO
–
0
17.3
100Base-TX signal
detect
No signal present
Signal present
RO
–
0
0
17.2
Jabber detect
No jabber detected
Jabber detected
RO
LH
0
17.1
Remote fault
No remote fault detected
Remote fault detected
RO
LH
0
17.0
Link Status
Link is not valid
Link is valid
RO
LL
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com