Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1892 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS1892
Description  10Base-T/100Base-TX Integrated PHYceiver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1892 Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS1892 Datasheet HTML 3Page - Integrated Circuit Systems ICS1892 Datasheet HTML 4Page - Integrated Circuit Systems ICS1892 Datasheet HTML 5Page - Integrated Circuit Systems ICS1892 Datasheet HTML 6Page - Integrated Circuit Systems ICS1892 Datasheet HTML 7Page - Integrated Circuit Systems ICS1892 Datasheet HTML 8Page - Integrated Circuit Systems ICS1892 Datasheet HTML 9Page - Integrated Circuit Systems ICS1892 Datasheet HTML 10Page - Integrated Circuit Systems ICS1892 Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 148 page
background image
Table of Contents
ICS1892, Rev. D, 2/26/01
February 26, 2001
7
ICS1892
© 2000-2001, Integrated Circuit Systems, Inc.
All rights reserved.
Table of Contents
Section
Title
Page
8.14
Register 19: Extended Control Register 2 ................................................. 98
8.14.1
Node/Repeater Configuration (bit 19.15) ................................................... 99
8.14.2
Hardware/Software Priority Status (bit 19.14) ........................................... 99
8.14.3
Remote Fault (bit 19.13) ............................................................................ 99
8.14.4
ICS Reserved (bits 19.12:2) ...................................................................... 99
8.14.5
Automatic 10Base-T Power-Down (bit 19.1) ........................................... 100
8.14.6
Automatic 100Base-TX Power-Down (bit 19.0) ....................................... 100
Chapter 9
ICS 1892 Pin Listing and Pin Descriptions ..................................... 101
9.1
ICS 1892 Pin Listings .............................................................................. 101
9.1.1
Pin Listing by Pin Number ....................................................................... 102
9.1.2
Pin Listings by Alphabetical Pin Name .................................................... 103
9.2
ICS 1892 Pin Descriptions ....................................................................... 104
9.2.1
Transformer Interface Pins ...................................................................... 104
9.2.2
Multifunction (Multiplexed) Pins: PHY Address and LED Pins ................ 105
9.2.3
Configuration Pins ................................................................................... 106
9.2.4
MAC/Repeater Interface Pins .................................................................. 109
9.2.5
Reserved Pins ......................................................................................... 118
9.2.6
Ground and Power Pins .......................................................................... 118
Chapter 10
DC and AC Operating Conditions .................................................. 120
10.1
Absolute Maximum Ratings ..................................................................... 120
10.2
Recommended Operating Conditions ..................................................... 120
10.3
Recommended Component Values ......................................................... 121
10.4
DC Operating Characteristics .................................................................. 122
10.4.1
DC Operating Characteristics for Supply Current .................................... 122
10.4.2
DC Operating Characteristics for TTL Inputs and Outputs ...................... 122
10.4.3
DC Operating Characteristics for REF_IN ............................................... 122
10.4.4
DC Operating Characteristics for Media Independent Interface .............. 123
10.5
Timing Diagrams ..................................................................................... 124
10.5.1
Timing for Clock Reference In (REF_IN) Pin ........................................... 124
10.5.2
Timing for Transmit Clock (TXCLK) Pin .................................................. 125
10.5.3
Timing for Receive Clock (RXCLK) Pin ................................................... 126
10.5.4
100M MII / 100M Stream Interface: Synchronous Transmit Timing ........ 127
10.5.5
10M MII: Synchronous Transmit Timing .................................................. 128
10.5.6
MII / 100M Stream Interface: Synchronous Receive Timing ................... 129
10.5.7
MII Management Interface Timing ........................................................... 130
10.5.8
10M Serial Interface: Receive Latency .................................................... 131
10.5.9
10M Media Independent Interface: Receive Latency .............................. 132
10.5.10
10M Serial Interface: Transmit Latency ................................................... 133
10.5.11
10M Media Independent Interface: Transmit Latency ............................. 134
10.5.12
MII / 100M Stream Interface: Transmit Latency ...................................... 135
10.5.13
MII: Carrier Assertion/De-Assertion (Half-Duplex Transmission) ............ 136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com