Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1892 Datasheet(PDF) 57 Page - Integrated Circuit Systems

Part # ICS1892
Description  10Base-T/100Base-TX Integrated PHYceiver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1892 Datasheet(HTML) 57 Page - Integrated Circuit Systems

Back Button ICS1892 Datasheet HTML 53Page - Integrated Circuit Systems ICS1892 Datasheet HTML 54Page - Integrated Circuit Systems ICS1892 Datasheet HTML 55Page - Integrated Circuit Systems ICS1892 Datasheet HTML 56Page - Integrated Circuit Systems ICS1892 Datasheet HTML 57Page - Integrated Circuit Systems ICS1892 Datasheet HTML 58Page - Integrated Circuit Systems ICS1892 Datasheet HTML 59Page - Integrated Circuit Systems ICS1892 Datasheet HTML 60Page - Integrated Circuit Systems ICS1892 Datasheet HTML 61Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 148 page
background image
Chapter 7
Functional Blocks
ICS1892, Rev. D, 2/26/01
February 26, 2001
57
ICS1892
© 2000-2001, Integrated Circuit Systems, Inc.
All rights reserved.
7.6.2.6
Management Frame Turnaround
A valid Management Frame includes a turnaround field (TA), which is a 2-bit time space between the
REGAD field and the Data field. This field requires two bit times and allows the ICS1892 and the STA to
avoid contentions during read transactions. During an operation that is a:
• Read, the ICS1892 remains in the high-impedance state during the first bit time and subsequently drives
the MDIO pin to logic zero for the second bit time.
• Write, the ICS1892 waits while the STA transmits a logic one, followed by a logic zero on the MDIO
signal.
7.6.2.7
Management Frame Data
A valid Management Frame includes a 16-bit Data field for exchanging data between the Management
Registers, and the STA. All Management Registers are 16 bits wide, matching the width of the Data field.
The first Data bit transmitted and received is the most-significant bit of a Management Register, bit X.15.
During a transaction that is a:
• Read, OP is 10b and the ICS1892 obtains the value of the register identified in the REGAD field and
returns the Data to the STA synchronously with the MDC cycles.
• Write, OP is 01b and the ICS1892 stores the value of the Data field in the register identified in the
REGAD field.
If the STA attempts to:
• Read from a non-existent ICS1892 register, the ICS1892 returns logic zero for all bits in the Data field.
• Write to a non-existent ICS1892 register, the ICS1892 isolates the Data field.
7.6.2.8
Idle
MDIO is idle during the time between STA transactions. During this idle time, the ICS1892 disables its
tri-state drivers and the MDIO pin enters a high-impedance state. The ISO/IEC 8802-3 standard requires
that the signal be idle for at least one bit time between management transactions. However, the ICS1892
does not have this limitation as it can support a continual bit stream on its MDIO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com