Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1892 Datasheet(PDF) 79 Page - Integrated Circuit Systems

Part # ICS1892
Description  10Base-T/100Base-TX Integrated PHYceiver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1892 Datasheet(HTML) 79 Page - Integrated Circuit Systems

Back Button ICS1892 Datasheet HTML 75Page - Integrated Circuit Systems ICS1892 Datasheet HTML 76Page - Integrated Circuit Systems ICS1892 Datasheet HTML 77Page - Integrated Circuit Systems ICS1892 Datasheet HTML 78Page - Integrated Circuit Systems ICS1892 Datasheet HTML 79Page - Integrated Circuit Systems ICS1892 Datasheet HTML 80Page - Integrated Circuit Systems ICS1892 Datasheet HTML 81Page - Integrated Circuit Systems ICS1892 Datasheet HTML 82Page - Integrated Circuit Systems ICS1892 Datasheet HTML 83Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 148 page
background image
Chapter 8
Management Register Set
ICS1892, Rev. D, 2/26/01
February 26, 2001
79
ICS1892
© 2000-2001, Integrated Circuit Systems, Inc.
All rights reserved.
8.7.2
Acknowledge (bit 5.14)
The ISO/IEC specification defines bit 5.14 as the Acknowledge bit. When this bit is a:
• Zero, it indicates that the remote link partner has not received the ICS1892 Link Control Word.
• One, it indicates to the ICS1892 / STA that the remote link partner has acknowledged reception of the
ICS1892 Link Control Word.
8.7.3
Remote Fault (bit 5.13)
The ISO/IEC specification defines bit 5.13 as the Remote Fault bit. This bit is set based on the Link Control
Word received from the remote link partner. When this bit is a logic:
• Zero, it indicates that the remote link partner does not have a Link Fault.
• One, it indicates to the ICS1892 / STA that the remote link partner detects a Link Fault.
8.7.4
Technology Ability Field (bits 5.12:5)
The Technology Ability Field (TAF) bits (bits 5.12:5), determine the specific abilities that the remote link
partner is advertising. These bits are set based upon the Link Code Word received from the remote link
partner during the auto-negotiation process. The ISO/IEC specification defines the TAF technologies in
Annex 28B.
The ISO/IEC specification reserves bits 5.12:10 for future use. When each of these reserved bits is:
• Read by an STA, the ICS1892 returns a logic zero.
• Written to by an STA, the STA must use the default value specified in this data sheet.
ICS uses some of these reserved bits to invoke auxiliary functions. To ensure proper operation of the
ICS1892, an STA must maintain the default value of these bits. Therefore, ICS recommends that an STA
always write the default value of any reserved bits during all management register write operations.
To ensure proper operation of the ICS1892, an STA must maintain the default value of these bits.
Therefore, ICS recommends that an STA always write the default value of any reserved bits during all
management register write operations.
8.7.5
Selector Field (bits 5.4:0)
The Selector Field bits indicate the technology or encoding that the remote link partner is using for the
Auto-Negotiation message. The ICS1892 supports only IEEE Std 802.3, represented by a value of 00001b
in bits 5.4:0. The ISO/IEC standard defines the Selector Field technologies in Annex 28A. Presently, the
IEEE standard defines the following two valid codes:
• 00001b (IEEE Std 802.3)
• 00010b (IEEE Std 802.9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com