Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1892 Datasheet(PDF) 48 Page - Integrated Circuit Systems

Part # ICS1892
Description  10Base-T/100Base-TX Integrated PHYceiver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1892 Datasheet(HTML) 48 Page - Integrated Circuit Systems

Back Button ICS1892 Datasheet HTML 44Page - Integrated Circuit Systems ICS1892 Datasheet HTML 45Page - Integrated Circuit Systems ICS1892 Datasheet HTML 46Page - Integrated Circuit Systems ICS1892 Datasheet HTML 47Page - Integrated Circuit Systems ICS1892 Datasheet HTML 48Page - Integrated Circuit Systems ICS1892 Datasheet HTML 49Page - Integrated Circuit Systems ICS1892 Datasheet HTML 50Page - Integrated Circuit Systems ICS1892 Datasheet HTML 51Page - Integrated Circuit Systems ICS1892 Datasheet HTML 52Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 148 page
background image
ICS1892, Rev. D, 2/26/01
February 26, 2001
48
Chapter 7
Functional Blocks
ICS1892 Data Sheet
© 2000-2001, Integrated Circuit Systems, Inc.
All rights reserved.
7.4.7
100Base-TX Operation: Auto Polarity Correction (FLP)
• 100Base-TX does not have polarity but the auto-negotiation FLP are sensitive to polarity.
The ICS1892 can sense and then automatically correct a signal polarity that is reversed on its Twisted-Pair
Receiver inputs. A signal polarity reversal occurs if the input signals on the TP_RXP and TP_RXN pins are
crossed or swapped (a problem that can occur during network installation or wiring).
The ICS1892 corrects a reversed signal polarity by examining the signal polarity of the Normal Link Pulses.
Control of this feature is provided by using the 10Base-T Operations Register bit 18.3, the Auto
Polarity-Inhibit bit. When this bit is logic:
• Zero, the ICS1892 automatically senses and corrects a reversed or inverted signal polarity on its
Twisted-Pair Receive pins (TP_RXP and TP_RXN).
• One, the ICS1892 disables this feature.
When the ICS1892 detects a reversed signal polarity on its Twisted-Pair Receiver pins and the Auto
Polarity-Inhibit bit is also logic zero, the ICS1892 (1) automatically corrects the data stream and (2) sets the
Polarity Reversed bit (bit 18.14) to logic one, to indicate to the STA that this situation exists. Bit 18.14 is a
latching high (LH) bit. (For more information on latching high and latching low bits, see Section 8.1.4.1,
“Latching High Bits” and Section 8.1.4.2, “Latching Low Bits”.)
Note:
1.
The Auto Polarity Correction Function is primarily a 10Base-T operation. However, it is part of the
Twisted-Pair Receiver and is operational during the 100Base-TX auto-negotiation process.
2.
For information on the 10Base-T Auto Polarity Correction, see Section 7.5.13, “10Base-T Operation:
Auto Polarity Correction”.
7.4.8
100Base-TX Operation: Isolation Transformer
As per the ISO/IEC specification, the ICS1892 interfaces with a medium through an isolation transformer.
Typically, for each magnetic module there are two isolation transformers: one for the ICS1892 Twisted-Pair
Transmitter and the other for the ICS1892 Twisted-Pair Receiver. For both 10Base-T and 100Base-TX
operations, these isolation transformers provide both physical isolation as well as the means for coupling a
signal between the ICS1892 and the medium.
Note:
1.
For information on magnetic modules, see Section 6.6, “Twisted-Pair Interface”.
2.
For information on the 10Base-T Isolation Transformer operation, see Section 7.5.14, “10Base-T
Operation: Isolation Transformer”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com