Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1892 Datasheet(PDF) 93 Page - Integrated Circuit Systems

Part # ICS1892
Description  10Base-T/100Base-TX Integrated PHYceiver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1892 Datasheet(HTML) 93 Page - Integrated Circuit Systems

Back Button ICS1892 Datasheet HTML 89Page - Integrated Circuit Systems ICS1892 Datasheet HTML 90Page - Integrated Circuit Systems ICS1892 Datasheet HTML 91Page - Integrated Circuit Systems ICS1892 Datasheet HTML 92Page - Integrated Circuit Systems ICS1892 Datasheet HTML 93Page - Integrated Circuit Systems ICS1892 Datasheet HTML 94Page - Integrated Circuit Systems ICS1892 Datasheet HTML 95Page - Integrated Circuit Systems ICS1892 Datasheet HTML 96Page - Integrated Circuit Systems ICS1892 Datasheet HTML 97Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 148 page
background image
Chapter 8
Management Register Set
ICS1892, Rev. D, 2/26/01
February 26, 2001
93
ICS1892
© 2000-2001, Integrated Circuit Systems, Inc.
All rights reserved.
8.12.8
Halt Symbol (bit 17.6)
The Halt Symbol bit indicates to an STA the detection of an Halt Symbol in a 100Base data stream by the
ICS1892.
During reception of a valid packet, the ICS1892 examines each symbol to ensure that the data being
passed to the MAC/Repeater Interface is error free. In addition, it looks for special symbols such as the Halt
Symbol. If a Halt Symbol is encountered, the ICS1892 indicates this condition to the MAC/repeater.
If this bit is set to a logic:
• Zero, it indicates a Halt Symbol has not been detected since the last read of this register.
• One, it indicates a Halt Symbol was detected in the packet since the last read of this register.
This bit is a latching high bit. (For more information on latching high and latching low bits, see Section
8.1.4.1, “Latching High Bits” and Section 8.1.4.2, “Latching Low Bits”.)
Note:
This bit has no definition in 10Base-T mode.
8.12.9
Premature End (bit 17.5)
The Premature End bit indicates to an STA the detection of two consecutive Idles in a 100Base data stream
by the ICS1892.
During reception of a valid packet, the ICS1892 examines each symbol to ensure that the data being
passed to the MAC/Repeater Interface is error free. If two consecutive Idles are encountered it indicates
this condition to the MAC/repeater by setting this bit.
If this bit is set to a logic:
• Zero, it indicates a Premature End condition has not been detected since the last read of this register.
• One, it indicates a Premature End condition was detected in the packet since the last read of this
register.
This bit is a latching high bit. (For more information on latching high and latching low bits, see Section
8.1.4.1, “Latching High Bits” and Section 8.1.4.2, “Latching Low Bits”.)
Note:
This bit has no definition in 10Base-T mode.
8.12.10
Auto-Negotiation Complete (bit 17.4)
The Auto-Negotiation Complete bit is used to indicate to an STA the completion of the Auto-Negotiation
process. When this bit is set to logic:
• Zero, it indicates that the auto-negotiation process is either not complete or is disabled by the Control
Register’s Auto-Negotiation Enable bit (bit 0.12)
• One, it indicates that the ICS1892 has completed the auto-negotiation process and that the contents of
Management Registers 4, 5, and 6 are valid.
8.12.11
100Base-TX Signal Detect (bit 17.3)
The 100Base-TX Signal Detect bit indicates either the presence or absence of a signal on the Twisted-Pair
Receive pins (TP_RXP and TP_RXN) in 100Base-TX mode. This bit is logic:
• Zero when no signal is detected on the Twisted-Pair Receive pins and logic.
• One when a signal is present on these pins.
8.12.12
Jabber Detect (bit 17.2)
Bit 17.2 is functionally identical to bit 1.1. The Jabber Detect bit indicates whether a jabber condition has
occurred. This bit is a 10Base-T function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com