Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1892 Datasheet(PDF) 104 Page - Integrated Circuit Systems

Part # ICS1892
Description  10Base-T/100Base-TX Integrated PHYceiver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1892 Datasheet(HTML) 104 Page - Integrated Circuit Systems

Back Button ICS1892 Datasheet HTML 100Page - Integrated Circuit Systems ICS1892 Datasheet HTML 101Page - Integrated Circuit Systems ICS1892 Datasheet HTML 102Page - Integrated Circuit Systems ICS1892 Datasheet HTML 103Page - Integrated Circuit Systems ICS1892 Datasheet HTML 104Page - Integrated Circuit Systems ICS1892 Datasheet HTML 105Page - Integrated Circuit Systems ICS1892 Datasheet HTML 106Page - Integrated Circuit Systems ICS1892 Datasheet HTML 107Page - Integrated Circuit Systems ICS1892 Datasheet HTML 108Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 148 page
background image
ICS1892, Rev. D, 2/26/01
February 26, 2001
104
Chapter 9
Pin Diagram, Listings, and Descriptions
ICS1892 Data Sheet
© 2000-2001, Integrated Circuit Systems, Inc.
All rights reserved.
9.2
ICS1892 Pin Descriptions
The tables in this section list the ICS1892 pins by their functional grouping.
9.2.1
Transformer Interface Pins
Table 9-3 lists the pins for the transformer interface group of pins.
Table 9-3.
Transformer Interface Pins
Pin
Name
Pin
Number
Pin
Type
Pin Description
TP_RXN
11
Input
Twisted-Pair Receive (Data) Negative.
Within this table, see the description at pin 10, TP_RXP.
TP_RXP
10
Input
Twisted-Pair Receive (Data) Positive.
Data reception of differential analog signals occurs over the TP_RXN
and TP_RXP pair of differential-signal pins. Together these pins receive
the serial bit stream from the UTP cable through an isolation
transformer.
Depending on the operating mode of the remote link partner, the
received data is one of the following types of signals:
• Two-level (10Base-T, that is, Manchester encoded) signals
• Three-level (100Base-TX, that is, MLT-3 encoded) signals
These signals interface directly to an isolation transformer, which in
turn, interfaces with the UTP cable.
TP_TXN
6
Output
Twisted-Pair Transmit (Data) Negative.
Within this table, see the description at pin 5, TP_TXP.
TP_TXP
5
Output
Twisted-Pair Transmit (Data) Positive.
Differential analog signal transmission occurs over the TP_TXN and
TP_TXP pair of pins. Together these pins drive the serial bit stream
over the UTP cable.
Depending on the operating mode of the ICS1892 MDI, the
current-driven differential driver produces one of the following types of
signals:
• Two-level (10Base-T, that is, Manchester encoded) signals
• Three-level (100Base-TX, that is, MLT-3 encoded) signals
These signals interface directly to an isolation transformer, which in
turn, drives the UTP cable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com