Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0723 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM0723
Description  1 kW three-phase motor control demonstration board
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0723 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM0723 Datasheet HTML 5Page - STMicroelectronics UM0723 Datasheet HTML 6Page - STMicroelectronics UM0723 Datasheet HTML 7Page - STMicroelectronics UM0723 Datasheet HTML 8Page - STMicroelectronics UM0723 Datasheet HTML 9Page - STMicroelectronics UM0723 Datasheet HTML 10Page - STMicroelectronics UM0723 Datasheet HTML 11Page - STMicroelectronics UM0723 Datasheet HTML 12Page - STMicroelectronics UM0723 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
UM0723
Board description
Doc ID 15870 Rev 4
9/48
3
Board description
3.1
System architecture
A generic motor control system can be basically schematized as the arrangement of four
main blocks (see Figure 2 below).
A control block - its main task is to accept user commands and motor drive
configuration parameters and to provide all digital signals to implement the proper
motor driving strategy. The ST demonstration board based on the STM32™
microcontroller STM3210B-EVAL can be used as a control block thanks to the motor
control connector used on the board.
A power block - makes a power conversion from the DC bus transferring to the motor
by means of a three-phase inverter topology. The power block is based on high-voltage
(high and low-side) drivers (L6390) and power switches (STGP10NC60KD) in TO-220
packages.
The motor itself - the STEVAL-IHM023V2 demonstration board is able to properly
drive any PMSM, but the FOC itself is conceived for sinusoidal-shaped BEMF. The
demonstration board is also suitable for driving any three or two-phase asynchronous
motor or low-voltage BLDC motors.
Power supply block - able to work from 90 VAC to 285 VAC or from 125 VDC to
400 VDC. With reconfiguration of the power stage with jumpers, the board can also be
used for low-voltage applications from 18 VDC to 35 VDC. By supplying the electronic
parts on the board through an external + 15 V connector, the board can be used for
a wide voltage range up to 400 VDC. Please refer to Section 4 for detailed settings of
the jumpers according to the required application.
Figure 2.
Motor control system architecture
Referring to the above motor control system architecture, the STEVAL-IHM023V2 includes
the power supply and the power block hardware blocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com