Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0723 Datasheet(PDF) 30 Page - STMicroelectronics

Part # UM0723
Description  1 kW three-phase motor control demonstration board
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0723 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button UM0723 Datasheet HTML 26Page - STMicroelectronics UM0723 Datasheet HTML 27Page - STMicroelectronics UM0723 Datasheet HTML 28Page - STMicroelectronics UM0723 Datasheet HTML 29Page - STMicroelectronics UM0723 Datasheet HTML 30Page - STMicroelectronics UM0723 Datasheet HTML 31Page - STMicroelectronics UM0723 Datasheet HTML 32Page - STMicroelectronics UM0723 Datasheet HTML 33Page - STMicroelectronics UM0723 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
Description of jumpers, test pins, and connectors
UM0723
30/48
Doc ID 15870 Rev 4
5
Description of jumpers, test pins, and connectors
The following tables give a detailed description of the jumpers, test pins, and the pinout of
the connectors used.
Table 8.
Jumpers description
Jumper
Selection
Description
W1
“3.3 V” position
VDD = 3.3 V
“5 V” position
VDD = 5 V
W3
“<35 V” ONLY
Linear regulator supplied from DC bus - input supply voltage < 35 VDC
“HIGH VOLTAGE” Buck converter supplied from bus
W4
Present
Hall sensor or encoder connected
Not present
Tachometer connected
W5
“R_BRAKE”
Software brake feature applied
“OCP OFF”
OCP disabled
W6
Present
Supplying of MCU control board through J5 motor connector with VDD
Not present
Separated voltage of MCU control board
W7
Present
Tachometer connected
Not present
Hall sensor or encoder connected
W9
Single-shunt
Any single-shunt configuration
Three-shunt
Any three-shunt configuration
W10
Present
Gain for any FOC
Not present
Gain for six-step control
W11
Dash position
Gain for any FOC
Free position
Gain for six-step control
W13
Single-shunt
Any single-shunt configuration
Three-shunt
Any three-shunt configuration
W14
Present
Voltage doubler applied (VIN = max. 145 VAC)
Not present
Standard single-phase range
W16
Dash position
Hall/encoder supplied by VDD
Free position
Hall/encoder supplied by +5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com