Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0723 Datasheet(PDF) 37 Page - STMicroelectronics

Part # UM0723
Description  1 kW three-phase motor control demonstration board
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0723 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button UM0723 Datasheet HTML 33Page - STMicroelectronics UM0723 Datasheet HTML 34Page - STMicroelectronics UM0723 Datasheet HTML 35Page - STMicroelectronics UM0723 Datasheet HTML 36Page - STMicroelectronics UM0723 Datasheet HTML 37Page - STMicroelectronics UM0723 Datasheet HTML 38Page - STMicroelectronics UM0723 Datasheet HTML 39Page - STMicroelectronics UM0723 Datasheet HTML 40Page - STMicroelectronics UM0723 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
UM0723
Bill of material
Doc ID 15870 Rev 4
37/48
2
D6, D8
STTH1L06
HV diode, SMA
STMicroelectronics
1
D7
LED GREEN
Universal LED 3 mm, 2 mA
1
D9
BZV55C18SMD
Zener diode, SOD80, 18 V
1
D27
LED YELLOW
Universal LED 3 mm, 2 mA
1
D28
LED RED
Universal LED 3 mm, 2 mA
1
D26
STTH2L06
HV diode, SMA
STMicroelectronics
10
Q1, Q4, Q5, Q12, Q13,
Q14, Q15, Q16, Q17,
Q18
BC847
NPN transistor, SOT23
7
Q10, Q11, Q3, Q6, Q7,
Q8, Q9
STGP10NC60KD N-channel IGBT, TO220
STMicroelectronics
1
Q2
BC857B
PNP transistor, SOT23
1
F1
Holder
Fuse holder 5 x 20 mm, KS21
SW
SCHURTER
1F1
6.25 A
Fuse 6.25 A Slov., FST06.3,
5 x 20 mm
1
LS1
Finder 4031-12
Relay 12 VDC
Finder
1
U1
LD1117S33
Linear regulator 3.3 V, SOT223
STMicroelectronics
1
U2
L7815
Linear regulator 15 V, TO-220
STMicroelectronics
1
U3
VIPer16
Smart PWM driver, SO-16
STMicroelectronics
2
U4, U8
TS391
Voltage comparator, SOT23-5
STMicroelectronics
3
U5, U6, U7
L6390
HV low and high-side driver,
SO-16
STMicroelectronics
1
U9
TS3431
Voltage reference, SOT23-3L
STMicroelectronics
1
U10
L78M05C
Linear regulator 5 V, DPAK
STMicroelectronics
1
U11
M74HC14
Hex Schmitt inverter SOP
STMicroelectronics
3
TP1, TP2, TP3
N.C.
18
TP4 - TP24
PCB terminal
1 mm
Test pin
1
J1
Connector 4P
Connector RM 5 mm, 4-pole
male horizontal
PHOENIX CONTACT
1
Connector 4P
Connector RM 5 mm, 4-pole
female parallel
PHOENIX CONTACT
1
J2
Connector 3P
Connector RM 5 mm, 3-pole
male horizontal
PHOENIX CONTACT
1
Connector 3P
Connector RM 5 mm, 3-pole
female parallel
PHOENIX CONTACT
Table 11.
Bill of material (continued)
Quan-
tity
Reference
Value / generic
part number
Package / class
Manufacturer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com