Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0723 Datasheet(PDF) 32 Page - STMicroelectronics

Part # UM0723
Description  1 kW three-phase motor control demonstration board
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0723 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button UM0723 Datasheet HTML 28Page - STMicroelectronics UM0723 Datasheet HTML 29Page - STMicroelectronics UM0723 Datasheet HTML 30Page - STMicroelectronics UM0723 Datasheet HTML 31Page - STMicroelectronics UM0723 Datasheet HTML 32Page - STMicroelectronics UM0723 Datasheet HTML 33Page - STMicroelectronics UM0723 Datasheet HTML 34Page - STMicroelectronics UM0723 Datasheet HTML 35Page - STMicroelectronics UM0723 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
Description of jumpers, test pins, and connectors
UM0723
32/48
Doc ID 15870 Rev 4
J6
Dissipative brake
1 - Bus voltage
2 - Open collector
J7
BEMF daughterboard connector
1 - Phase A
2 - Phase B
3 - Phase C
4 - Bus voltage
5 - 3.3 VDC
6 - VDD_micro
7 - GND
8 - PWM VREF
J8
Tachometer input connector for AC motor speed loop control
1 - Tachometer bias
2 - Tachometer input
Table 10.
Testing pins description
Number
Description
TP1
Output phase A
TP2
Output phase B
TP3
Output phase C
TP4
PWM - phase A - low-side
TP5
PWM - phase A - high-side
TP6
PWM - phase B - low-side
TP7
PWM - phase B - high-side
TP8
PWM - phase C - low-side
TP9
PWM - phase C - high-side
TP10
Current sensed in phase A
TP11
Current sensed in phase B
TP23
Current sensed in phase C
TP13
Sensed tachometer/encoder/Hall signal A
TP14
Sensed encoder/Hall signal B
TP15
Sensed encoder/Hall signal Z
TP16
Voltage on bus divider - bus voltage information
TP17
Brake status - brake active in low state
Table 9.
Connector pinout description (continued)
Name
Reference
Description / pinout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com