Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0723 Datasheet(PDF) 19 Page - STMicroelectronics

Part # UM0723
Description  1 kW three-phase motor control demonstration board
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0723 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button UM0723 Datasheet HTML 15Page - STMicroelectronics UM0723 Datasheet HTML 16Page - STMicroelectronics UM0723 Datasheet HTML 17Page - STMicroelectronics UM0723 Datasheet HTML 18Page - STMicroelectronics UM0723 Datasheet HTML 19Page - STMicroelectronics UM0723 Datasheet HTML 20Page - STMicroelectronics UM0723 Datasheet HTML 21Page - STMicroelectronics UM0723 Datasheet HTML 22Page - STMicroelectronics UM0723 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
UM0723
Board description
Doc ID 15870 Rev 4
19/48
Figure 11.
Overcurrent protection
The overcurrent protection can be disabled with software if the W5 jumper is set to the “OCP
OFF” position. This may be necessary and is often useful when the user decides to make
the brake operate by turning on the three low-side switches. In fact, if the motor acts as
a generator, it's necessary to protect the hardware, preventing the bus voltage from
exceeding a safety threshold. In addition to dissipating the motor energy on a brake resistor,
it's possible to short the motor phases, preventing the motor current from flowing through
the bulk capacitors.
Please note that with disabling of the OCP, the demonstration board is not protected against
any overcurrent event.
3.3.6
Current sensing amplifying network
The STEVAL-IHM023V2 motor control demonstration board can be configured to run in
various current reading configuration modes:
●
Three-shunt configuration - suitable for the use of field oriented control (FOC)
●
Single-shunt configuration - suitable for the use of FOC in a single-shunt configuration
●
Single-shunt six-step configuration - suitable for scalar control
Configuration with a shunt resistor, where voltage amplified with an operational amplifier is
sensed, was chosen as the current sensing networks. Single-shunt configuration requires
a single op amp, three-shunt configuration requires three op amps. Just for compatibility
purposes, one of them is common to both basic configurations.
The configuration jumpers W10 and W11 allow the user to set the common op amp to
achieve the compatibility between single-shunt six-step configuration (suitable for scalar
control) and three-shunt or single-shunt FOC current reading configuration.
Three-shunt FOC or single-shunt FOC current reading configuration
The details of the three-shunt current sensing reading configuration are shown in Figure 12.
In this configuration, the alternating signal on the shunt resistor, with positive and negative
–
+
Shunt
resistor
VREF
COMPARATOR
+5 V
L6390
OPAMP
+
6
9
7
10
OP+
CP+
OP–
+3.3 V
R3 (R49, R73, R96)
R1 (R47, R67, R95)
R2 (50, R70, R93)
Smart SD
VCC
–
OPOUT
9
GND
AM00473



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com