Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0723 Datasheet(PDF) 24 Page - STMicroelectronics

Part # UM0723
Description  1 kW three-phase motor control demonstration board
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0723 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button UM0723 Datasheet HTML 20Page - STMicroelectronics UM0723 Datasheet HTML 21Page - STMicroelectronics UM0723 Datasheet HTML 22Page - STMicroelectronics UM0723 Datasheet HTML 23Page - STMicroelectronics UM0723 Datasheet HTML 24Page - STMicroelectronics UM0723 Datasheet HTML 25Page - STMicroelectronics UM0723 Datasheet HTML 26Page - STMicroelectronics UM0723 Datasheet HTML 27Page - STMicroelectronics UM0723 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
Hardware setting of the STEVAL-IHM023V2
UM0723
24/48
Doc ID 15870 Rev 4
4
Hardware setting of the STEVAL-IHM023V2
The STEVAL-IHM023V2 demonstration board can be driven through the J5 motor control
connector by various MCU control units released by STMicroelectronics which feature
a unified 34-pin motor connector (STM3210B-EVAL, STM32F100-EVAL, STEVAL-
IHM022v1, STM32F10E-EVAL, etc.). The demonstration board is suitable for both field
oriented and scalar controls. In particular, it can handle output signal conditioning for
different types of speed and/or position feedback sensors (such as tachometer, Hall
sensors, and quadrature encoders) and different current sensing topologies (single-shunt
resistor placed on DC bus or three-shunt resistors placed in the three inverter legs).
4.1
Hardware settings for six-step (block commutation) control
of BLDC motors
To drive any motor, the user must ensure that:
●
The motor control demonstration board is driven by a control board that provides the
six output signals required to drive the three-phase power stage
●
The motor is connected to the J2 motor output connector
●
If using an encoder or Hall sensor connection, it is connected to connector J4
●
If using a tachometer connection, it is connected to connector J8
●
If using the brake control feature, connect a dissipative power load to J6 connector
Table 2 below shows the jumper settings for any BLDC high-voltage motors in six-step
(block commutation) control. Please confirm that the demonstration board input voltage is in
the range of 125 VDC to 400 VDC or 90 VAC to 285 VAC. If the voltage doubler is applied,
the input voltage must be in the range of 65 VAC to 145 VAC.
Table 2.
Jumper settings for high-voltage BLDC motor in six-step
control
Jumper
Settings for any HV motor in six-step control
W1
“3.3 V” position for VDD = 3.3 V
“5 V” position for VDD = 5 V
W3
“HIGH VOLTAGE” position
W4
Present for Hall sensor or encoder
Not present for connected tachometer
W5
“R_BRAKE” position for software handling of resistive brake (if any)
“OCP OFF” position for software handling of overcurrent protection disabling
W6
Present for supplying stage from IHM023V2 (max. 50 mA)
W7
Present for connected tachometer
Not present for connected Hall sensor or encoder
W9
Single-shunt
W10
Not present
W11
Not marked position



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com