Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0723 Datasheet(PDF) 44 Page - STMicroelectronics

Part # UM0723
Description  1 kW three-phase motor control demonstration board
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0723 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button UM0723 Datasheet HTML 40Page - STMicroelectronics UM0723 Datasheet HTML 41Page - STMicroelectronics UM0723 Datasheet HTML 42Page - STMicroelectronics UM0723 Datasheet HTML 43Page - STMicroelectronics UM0723 Datasheet HTML 44Page - STMicroelectronics UM0723 Datasheet HTML 45Page - STMicroelectronics UM0723 Datasheet HTML 46Page - STMicroelectronics UM0723 Datasheet HTML 47Page - STMicroelectronics UM0723 Datasheet HTML 48Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
Ordering information
UM0723
44/48
Doc ID 15870 Rev 4
9
Ordering information
The demonstration board is orderable through the standard ordering system, the ordering
code is: STEVAL-IHM023V2. The items delivered include the assembled demonstration
board, board documentation, PCB fabrication data such as gerber files, assembly files (pick
and place), and component documentation.
10
Using STEVAL-IHM023V2 with STM32 PMSM FOC
firmware library v3.0
The “STM32 PMSM FOC firmware library v3.0” is part of the STM32 PMSM single/dual
FOC SDK v3.0. In particular, it is a firmware library running on any STM32F103x and
STM32F100x device which implements the “Field Oriented Control” (FOC) drive of three-
phase “Permanent Magnet Synchronous Motors” (PMSM), both “Surface Mounted” (SM-
PMSM) and “Internal” (I-PMSM).
This section describes how to customize the firmware library by making use of the PC tool
“ST MC Workbench” (STMCWB) downloadable from www.st.com.
10.1
Environmental considerations
Warning:
The STEVAL-IHM023V2 demonstration board must only be
used in a power laboratory. The voltage used in the drive
system presents a shock hazard.
The kit is not electrically isolated from the DC input. This topology is very common in motor
drives. The microprocessor is grounded by the integrated ground of the DC bus. The
microprocessor and associated circuitry are hot and MUST be isolated from user controls
and communication interfaces.
Warning:
All measuring equipment must be isolated from the main
power supply before powering up the motor drive. To use an
oscilloscope with the kit, it is safer to isolate the DC supply
AND the oscilloscope. This prevents a shock occurring as
a result of touching any SINGLE point in the circuit, but does
NOT prevent shocks when touching two or more points in the
circuit.
An isolated AC power supply can be constructed using an isolation transformer and
a variable transformer.
Note:
Isolating the application rather than the oscilloscope is highly recommended in any case.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com