Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0723 Datasheet(PDF) 45 Page - STMicroelectronics

Part # UM0723
Description  1 kW three-phase motor control demonstration board
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0723 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button UM0723 Datasheet HTML 40Page - STMicroelectronics UM0723 Datasheet HTML 41Page - STMicroelectronics UM0723 Datasheet HTML 42Page - STMicroelectronics UM0723 Datasheet HTML 43Page - STMicroelectronics UM0723 Datasheet HTML 44Page - STMicroelectronics UM0723 Datasheet HTML 45Page - STMicroelectronics UM0723 Datasheet HTML 46Page - STMicroelectronics UM0723 Datasheet HTML 47Page - STMicroelectronics UM0723 Datasheet HTML 48Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
UM0723
Using STEVAL-IHM023V2 with STM32 PMSM FOC firmware library v3.0
Doc ID 15870 Rev 4
45/48
10.2
Hardware requirements
The following items are required to run the STEVAL-IHM023V2 together with the “STM32
PMSM FOC firmware library v3.0”.
●
Any microcontroller demonstration board with MC connector such as: STEVAL-
IHM022V1, STEVAL-IHM033V1, STM3210B-EVAL, STM3210E-EVAL, or
STM32100B-EVAL
●
A high-voltage insulated AC power supply up to 230 VAC
●
A programmer/debugger dongle for control board (not included in the package). Refer
to the control board user manual to find a supported dongle. Use of an insulated dongle
is always recommended.
●
Three-phase brushless motor with permanent magnet rotor (not included in the
package)
●
An insulated oscilloscope (as necessary)
●
An insulated multimeter (as necessary)
10.3
Software requirements
To customize, compile, and download the “STM32 FOC firmware library v3.0”, a toolchain
must be installed.
10.4
STM32 FOC firmware library v3.0 customization
The ST motor control workbench can be used to customize the STM32 FOC firmware
library v.3.0.
The required parameters for the power stage related to the STEVAL-IHM023V2 are reported
in Table 12.
Table 12.
STEVAL-IHM023V2 motor control workbench parameters
Variable
Value
Rated bus voltage information
Min. rated voltage (V)
18 or 60 according to W3 position (respectively
for “<35 V” and “HIGH VOLTAGE” positions)
Max. rated voltage (V)
32 or 450 according to W3 position (respectively
for
“<35 V” and “HIGH VOLTAGE” positions)
Nominal voltage (V)
Depends on W3 position and application nominal
bus voltage
Bus voltage sensing
Available
Bus voltage divider 1/...
136
Dissipative brake
Available if W5 is set to R_BRAKE position, not
available otherwise
Polarity
Active high
Driving signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com