Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0723 Datasheet(PDF) 27 Page - STMicroelectronics

Part # UM0723
Description  1 kW three-phase motor control demonstration board
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0723 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button UM0723 Datasheet HTML 23Page - STMicroelectronics UM0723 Datasheet HTML 24Page - STMicroelectronics UM0723 Datasheet HTML 25Page - STMicroelectronics UM0723 Datasheet HTML 26Page - STMicroelectronics UM0723 Datasheet HTML 27Page - STMicroelectronics UM0723 Datasheet HTML 28Page - STMicroelectronics UM0723 Datasheet HTML 29Page - STMicroelectronics UM0723 Datasheet HTML 30Page - STMicroelectronics UM0723 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
UM0723
Hardware setting of the STEVAL-IHM023V2
Doc ID 15870 Rev 4
27/48
Table 5 shows jumper settings for a low-voltage BLDC motor in single-phase FOC current
control. Please confirm that the input voltage (mains voltage) of the demonstration board in
this case is in the range of 18 VDC to 35 VDC. If it is necessary to supply the motor with
a voltage lower than 18 VDC, please remove the W3 jumper and connect the auxiliary
voltage to the J3 connector.
In this configuration it may be necessary to modify R2, R4, and R7 resistors according to
applied supply voltage.
4.3
Hardware settings for FOC in three-shunt configuration
To drive any motor, the user must ensure that:
●
The motor control demonstration board is driven by a control board that provides the
six outputs signals required to drive the three-phase power stage
●
The motor is connected to the J4 motor output connector
●
If using an encoder or Hall sensor connection, it is connected to connector J5
●
If using a tachometer connection, it is connected to connector J6
●
If using the brake control feature, connect a dissipative power load to J7 connector
Table 5.
Jumper settings for low-voltage BLDC motor in single-shunt FOC control
Jumper
Settings for any LV BLDC motor in single-shunt FOC control
W1
“3.3 V” position for VDD = 3.3 V
“5 V” position for VDD = 5 V
W3
“<35 V ONLY” position
W4
Present for Hall sensor or encoder
Not present for connected tachometer
W5
“R_BRAKE” position for software handling of resistive brake (if any)
“OCP OFF” position for software handling of overcurrent protection disabling
W6
Present for supplying control stage from IHM023v2 connector with VDD (max. 50
mA)
W7
Present for connected tachometer
Not present for connected Hall sensor or encoder
W9
Single-shunt
W10
Present
W11
Dash mark position
W13
Single-shunt
W14
Not present
W16
Dash marked position for supplying of Hall/encoder with VDD
Not marked position for supplying of Hall/encoder with +5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com