Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0723 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM0723
Description  1 kW three-phase motor control demonstration board
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0723 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM0723 Datasheet HTML 17Page - STMicroelectronics UM0723 Datasheet HTML 18Page - STMicroelectronics UM0723 Datasheet HTML 19Page - STMicroelectronics UM0723 Datasheet HTML 20Page - STMicroelectronics UM0723 Datasheet HTML 21Page - STMicroelectronics UM0723 Datasheet HTML 22Page - STMicroelectronics UM0723 Datasheet HTML 23Page - STMicroelectronics UM0723 Datasheet HTML 24Page - STMicroelectronics UM0723 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
UM0723
Board description
Doc ID 15870 Rev 4
21/48
Figure 12.
Three-shunt configuration
For previously mentioned FOC configurations it is necessary to set the proper gain by
applying the W10 jumper and by applying the W11 jumper to the dash marked position.
Six-step (block commutation) current reading configuration
In case of six-step (also called block commutation) current control, only two of the motor
phases conduct current at the same time. Therefore, it is possible to use only one shunt
resistor placed on the DC link to measure the motor phase current. Moreover, as the current
is always flowing on the shunt resistor in the same direction, only positive current must be
measured, and in this case, the amplifying network needs to be properly designed. The
details of single-shunt current sensing reading configuration are shown in Figure 13. In this
configuration, the current sampling is done only when the value on the shunt resistor is
positive. The only positive value read on the shunt resistor allows the setting of a higher gain
for the op amp than the one set in the three-shunt reading mode.
The op amp is used in follower mode with the gain of the op amp set by resistor r and R:
Equation 5
It is possible to calculate the voltage on the output of the op amp, OP OUT VOUT, as the sum
of a bias, VBIAS, and a signal, VSIGN, component equal to:
Equation 6
+
Shunt
resistor
Smart SD
VREF
COMPARATOR
VCC
L6390
OPAMP
+
OPOUT
6
9
7
10
OP+
CP+
OP
GND
+3.3 V
R3 (R52, R78, R97)
(R53, R75, R99)
R2 (R54, R76, R100)
r (R48, R72, R94)
R (R46, R66, R92)
+
+5 V
+
7
AM00474
G
Rr
+
r
------------
=
V
OU T
V
SIGN
V
BIAS
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com