Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0723 Datasheet(PDF) 35 Page - STMicroelectronics

Part # UM0723
Description  1 kW three-phase motor control demonstration board
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0723 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button UM0723 Datasheet HTML 31Page - STMicroelectronics UM0723 Datasheet HTML 32Page - STMicroelectronics UM0723 Datasheet HTML 33Page - STMicroelectronics UM0723 Datasheet HTML 34Page - STMicroelectronics UM0723 Datasheet HTML 35Page - STMicroelectronics UM0723 Datasheet HTML 36Page - STMicroelectronics UM0723 Datasheet HTML 37Page - STMicroelectronics UM0723 Datasheet HTML 38Page - STMicroelectronics UM0723 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
UM0723
Bill of material
Doc ID 15870 Rev 4
35/48
1
C12
47 nF/25 V
Capacitor, SMD 0805
2
C8, C68
22
μF/6.3 V
Elyt. capacitor, SMD 4 x 4
Panasonic
2
C9, C38
10 nF/25 V
Capacitor, SMD 0805
1
RT1
10 k
Ω
NTC
EPCOS
B57703M103G40
1
VR1
10
Ω
NTC
EPCOS B57364S100M
3
R1, R3, R6
100 k
Ω
Resistor, SMD 1206
1
R10
13 k
Ω
Resistor, SMD 0805, 1%
4
R11, R14, R120, R121
5.6 k
Ω
Resistor, SMD 0805
1R12
N.C.
1
R13
160
Ω
Resistor, SMD 1206
9
R112, R113, R114,
R115, R116, R117,
R109, R110, R111
4.7 k
Ω
Resistor, SMD 0805
1
R18
6.8 k
Ω
Resistor, SMD 0805
2
R19, R108
N.C.
4
R2, R4, R23, R24
470 k
Ω
Resistor, SMD 1206, 1%
3
R21, R107, R106
220
Ω
Resistor, SMD 0805
6
R22, R27, R20, R33,
R74, R17
10 k
Ω
Resistor, SMD 0805
1
R25
560
Ω
Resistor, SMD 0805
1
R32
9.1 k
Ω
Resistor, SMD 0805, 1%
1
R26
1 k
Ω
Resistor, SMD 0805, 1%
3
R28, R122, R123
2.2 k
Ω
Resistor, SMD 0805
1
R29
100
Ω
Resistor, SMD 0805
1
R30
15 k
Ω
Resistor, SMD 0805
1
R31
27 k
Ω
Resistor, SMD 0805, 1%
1
R34
12 k
Ω
Resistor, SMD 0805, 1%
4
R35, R36, R57, R82
100 k
Ω
Resistor, SMD 0805
4
R37, R41, R58, R62
10
Ω
Resistor, SMD 0805
6
R38, R59, R85, R40,
R61, R87
1 k
Ω
Resistor, SMD 0805, 1%
4
R39, R45, R60, R65
120
Ω
Resistor, SMD 0805
3
R42, R63, R89
3.3 k
Ω
Resistor, SMD 0805
3
R43, R64, R90
47 k
Ω
Resistor, SMD 0805, 1%
1
R44
3.6 k
Ω
Resistor, SMD 0805, 1%
Table 11.
Bill of material (continued)
Quan-
tity
Reference
Value / generic
part number
Package / class
Manufacturer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com