Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0723 Datasheet(PDF) 25 Page - STMicroelectronics

Part # UM0723
Description  1 kW three-phase motor control demonstration board
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0723 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button UM0723 Datasheet HTML 21Page - STMicroelectronics UM0723 Datasheet HTML 22Page - STMicroelectronics UM0723 Datasheet HTML 23Page - STMicroelectronics UM0723 Datasheet HTML 24Page - STMicroelectronics UM0723 Datasheet HTML 25Page - STMicroelectronics UM0723 Datasheet HTML 26Page - STMicroelectronics UM0723 Datasheet HTML 27Page - STMicroelectronics UM0723 Datasheet HTML 28Page - STMicroelectronics UM0723 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
UM0723
Hardware setting of the STEVAL-IHM023V2
Doc ID 15870 Rev 4
25/48
Table 3 shows jumper settings for a low-voltage BLDC motor. Please confirm that the input
voltage (mains voltage) of the demonstration board in this case is in the range of 18 VDC to
35 VDC. If it is necessary to supply the motor with a voltage lower than 18 VDC, please
remove the W3 jumper and connect the auxiliary voltage to the J3 connector. This
configuration is called “dual supply configuration”.
In this configuration it may be necessary to modify R2, R4, and R7 resistors according to
applied supply voltage.
W13
Single-shunt
W14
Present for voltage doubler
Not present for standard voltage range
W16
Dash mark position of Hall/encoder with VDD
Not marked position for supplying Hall/encoder with +5 V
Table 3.
Jumper settings for low-voltage BLDC motor in six-step control
Jumper
Settings for any HV motor in six-step control
W1
“3.3 V” position for VDD = 3.3 V
“5 V” position for VDD = 5 V
W3
“<35 V ONLY” position
W4
Present for Hall sensor or encoder
Not present for connected tachometer
W5
“R_BRAKE” position for software handling of resistive brake (if any)
“OCP OFF” position for software handling of overcurrent protection disabling
W6
Present for supplying stage from IHM023V2 (max. 50 mA)
W7
Present for connected tachometer
Not present for connected Hall sensor or encoder
W9
Single-shunt
W10
Not present
W11
Not marked position
W13
Single-shunt
W14
Present for voltage doubler
Not present for standard voltage range
W16
Dash mark position of Hall/encoder with VDD
Not marked position for supplying of Hall/encoder with +5 V
Table 2.
Jumper settings for high-voltage BLDC motor in six-step
control (continued)
Jumper
Settings for any HV motor in six-step control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com