Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0723 Datasheet(PDF) 16 Page - STMicroelectronics

Part # UM0723
Description  1 kW three-phase motor control demonstration board
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0723 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button UM0723 Datasheet HTML 12Page - STMicroelectronics UM0723 Datasheet HTML 13Page - STMicroelectronics UM0723 Datasheet HTML 14Page - STMicroelectronics UM0723 Datasheet HTML 15Page - STMicroelectronics UM0723 Datasheet HTML 16Page - STMicroelectronics UM0723 Datasheet HTML 17Page - STMicroelectronics UM0723 Datasheet HTML 18Page - STMicroelectronics UM0723 Datasheet HTML 19Page - STMicroelectronics UM0723 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
Board description
UM0723
16/48
Doc ID 15870 Rev 4
3.3
Circuit description
3.3.1
Power supply
The power supply in the STEVAL-IHM023V2 demonstration board is implemented as
a multifunctional block which allows to supply the inverter in all ranges of input voltage up to
285 VAC or 400 VDC. If the input AC voltage does not surpass 145 VAC, it is possible to
apply the input voltage doubler, this is done by shorting the W14 jumper. This configuration
almost doubles the input AC voltage to a standard level and allows to evaluate the motor
control application with a low level of input AC voltage.
For high-voltage applications it is necessary to set W3 jumpers to position “HIGH
VOLTAGE”, the auxiliary power supply for supplying all active components on the
demonstration board is implemented as a buck converter based on the U6 VIPer16L which
works with fixed frequency 60 kHz. The output voltage of the converter is +15 VDC voltage
which is fed into the L6390 drivers as supply voltage as well as into the linear regulator
L78L33ACD and L78M05ACDT. The linear regulator provides +3.3 VDC and +5 VDC for
supplying the operational amplifiers and other related parts placed on the demonstration
board. The selection of supply voltage for hardware peripherals placed on the board is done
with jumper W1. In the “3.3 V” position the supply voltage selected is +3.3 V and in the “5 V”
position it is +5 V. Thanks to jumper W6, it is possible to supply the connected MCU driving
board with related supply voltage. In this case, the maximal consumptive current of the MCU
unit has not overreached 50 mA. Please refer to the ST released VIPer16LD datasheet for
further information on this concept.
For low-voltage applications, the step-down converter must be disabled by setting the W3
jumper to position “<35 V ONLY”. In this case, the other linear regulator, L7815, is
connected directly on the bus line, to provide auxiliary voltage + 15 VDC.
Note:
Please note that the voltage range in this kind of application must be in the range + 18 VDC
to + 35 VDC.
For low-voltage DC motor applications which require a voltage lower than + 18 VDC, a dual
supply mode can be used. Voltage on the input connector is normally linked through power
switches to the motor and an external auxiliary voltage is fed through the J3 connector from
an external power source. The voltage of the external power supply used must be in the
range + 14.8 V to + 15.5 V with maximal consumption current 0.5 A.
The information regarding the value of the supply bus voltage on the main filtering
capacitors is sensed with the voltage divider built around R2, R4, and R7 and is fed into the
dedicated control unit through the J5 connector. The proper voltage partitioning for applied
resistors values is 0.0075.
The presence of +15 VDC on the board is indicated with green LED D7. For a better
understanding of the concept, Figure 9 describes the power supply in a block diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com