Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0723 Datasheet(PDF) 18 Page - STMicroelectronics

Part # UM0723
Description  1 kW three-phase motor control demonstration board
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0723 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button UM0723 Datasheet HTML 14Page - STMicroelectronics UM0723 Datasheet HTML 15Page - STMicroelectronics UM0723 Datasheet HTML 16Page - STMicroelectronics UM0723 Datasheet HTML 17Page - STMicroelectronics UM0723 Datasheet HTML 18Page - STMicroelectronics UM0723 Datasheet HTML 19Page - STMicroelectronics UM0723 Datasheet HTML 20Page - STMicroelectronics UM0723 Datasheet HTML 21Page - STMicroelectronics UM0723 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
Board description
UM0723
18/48
Doc ID 15870 Rev 4
3.3.4
Gate driving circuit
The gates of the switches of the IGBT used are controlled by the L6390D drivers. Please
refer to the L6390 datasheet for a detailed analysis of the driver parameters.
Figure 10 shows the correct driving of the IGBT. As can be seen, the charging current for the
IGBT is different compared to the discharging current due to the diode used. The
configuration used provides the best trade-off between efficiency and EMI distortion.
Thanks to the high-performance L6390 driver, the deadtime insertion between the HVG and
LVG outputs is hardware-guaranteed. In this case, considering the value of the deadtime
resistors used to be 47 k
Ω, the DT of about 600 ns is applied on the outputs in case:
●
The deadtime is not present on HIN and LIN inputs signals.
●
The deadtime present on HIN and LIN inputs is less than hardware-set DT.
On the contrary, the hardware-set deadtime is not the sum of the deadtime present on the
outputs between LVG and HVG if the deadtime present on the HIN and LIN inputs signals is
higher than the hardware-set deadtime.
Figure 10.
Gate driving network
3.3.5
Overcurrent protection
Hardware overcurrent protection (OCP) is implemented on the board. This feature takes full
advantage of the L6390 driver where an internal comparator is implemented. Thanks to the
internal connection between the comparator output and shutdown block, the intervention
time of the overcurrent protection is extremely low, ranging slightly above 200 ns. Please
see Figure 11 below for details of the OCP.
Considering that the overcurrent protection acts as soon as the voltage on the CP+ pin of
the L6390 rises above (approximately equal to) 0.53 V, and considering the default value of
the shunt resistor, it follows that the default value for the maximum allowed current is equal
to:
Equation 1
with the default values this gives:
ISHUNT_MAX = 7 A
D14
1N4148
1
2
3
Q7
STGP10NC60KD
R45 120
Ω
R41 10
Ω
AM00472a
I
SHU NT MAX
V
REF
R
SHUNT
----------------------
1
R1
R2
--------
+
⎝⎠
⎛⎞
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com