Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0723 Datasheet(PDF) 36 Page - STMicroelectronics

Part # UM0723
Description  1 kW three-phase motor control demonstration board
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0723 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button UM0723 Datasheet HTML 32Page - STMicroelectronics UM0723 Datasheet HTML 33Page - STMicroelectronics UM0723 Datasheet HTML 34Page - STMicroelectronics UM0723 Datasheet HTML 35Page - STMicroelectronics UM0723 Datasheet HTML 36Page - STMicroelectronics UM0723 Datasheet HTML 37Page - STMicroelectronics UM0723 Datasheet HTML 38Page - STMicroelectronics UM0723 Datasheet HTML 39Page - STMicroelectronics UM0723 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
Bill of material
UM0723
36/48
Doc ID 15870 Rev 4
3
R46, R66, R92
3.3 k
Ω
Resistor, SMD 0805, 1%
1R49
N.C.
2
R5, R9
120
Ω
Resistor, SMD 0805
3
R52, R97, R78
3.3 k
Ω
Resistor, SMD 0805, 1%
3
R54, R76, R100
820
Ω
Resistor, SMD 0805, 1%
3
R55, R71, R101
0.15
Ω
Resistor, SMD 2512, 1%, 2 W
3
R56, R68, R102
N.C.
6
R67, R70, R75, R79,
R50, R53
1 k
Ω
Resistor, SMD 0805, 1%
1
R69
680
Ω
Resistor, SMD 0805, 1%
1R7
7.5
Ω
Resistor, SMD 0805, 1%
6
R72, R48, R47, R77,
R51, R98
1 k
Ω
Resistor, SMD 0805, 1%
1R73
N.C.
1
R8
51 k
Ω
Resistor, SMD 0805, 1%
1
R80
2.2 k
Ω
Resistor, SMD 0805, 1%
1
R81
33
Ω
Resistor, SMD 0805, 1%
2
R83, R88
10
Ω
Resistor, SMD 0805
1
R104
68 k
Ω
Resistor, SMD 0805
1
R84
2.2 k
Ω
Resistor, SMD 0805
2
R86, R91
120
Ω
Resistor, SMD 0805
5
R93, R95, R99, R94,
R103
1 k
Ω
Resistor, SMD 0805, 1%
1R96
N.C.
1
R105
220 k
Ω
Resistor, SMD 0805, 1%
1
L1
47
μH
SMD choke, 0.5 A
Panasonic
1
L2
2.2 mH
SMD choke, 0.25 A
Würth Elektronik
1
D1
KBU6K
Diode bridge, 250 VAC, 8 A
7
D11, D12, D15, D16,
D19, D20, D2, D23,
D24
BAT48
Diode, SMD, SOD-323
STMicroelectronics
8
D13, D5, D14, D17,
D18, D21, D22, D10
1N4148
Universal diode, SMD, SOD80C
2
D25, D29
BZX84B13V
Zener diode, SOT23, 13 V
1
D3
STPS1150
Schottky diode, DO-241AC
(SMA)
STMicroelectronics
1
D4
SM6T36
Transil™, JEDEC DO-214AA
STMicroelectronics
Table 11.
Bill of material (continued)
Quan-
tity
Reference
Value / generic
part number
Package / class
Manufacturer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com