Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0723 Datasheet(PDF) 47 Page - STMicroelectronics

Part # UM0723
Description  1 kW three-phase motor control demonstration board
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0723 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button UM0723 Datasheet HTML 40Page - STMicroelectronics UM0723 Datasheet HTML 41Page - STMicroelectronics UM0723 Datasheet HTML 42Page - STMicroelectronics UM0723 Datasheet HTML 43Page - STMicroelectronics UM0723 Datasheet HTML 44Page - STMicroelectronics UM0723 Datasheet HTML 45Page - STMicroelectronics UM0723 Datasheet HTML 46Page - STMicroelectronics UM0723 Datasheet HTML 47Page - STMicroelectronics UM0723 Datasheet HTML 48Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 47 / 48 page
background image
UM0723
Conclusion
Doc ID 15870 Rev 4
47/48
11
Conclusion
This document describes the 1 kW three-phase motor control STEVAL-IHM023V2
demonstration board as a universal fully evaluated and adaptable motor control platform.
12
References
1.
L6390 datasheet
2.
VIPer16 datasheet
3.
STGP10NC60KD datasheet
4.
UM0379 user manual
5.
UM0580 user manual
13
Revision history
Table 13.
Document revision history
Date
Revision
Changes
07-Sep-2009
1
Initial release.
27-Nov-2009
2
Changed part number STGF7NC60HD to STGP10NC60KD in
Figure 10, updated input voltage in Section 4.2, step 3 in
Section 10.4, replaced STEVAL-IHM023V1 by STEVAL-IHM021V1
in point 5 of Section 12.
03-May-2011
3
Replaced STEVAL- IHM023V1 by STEVAL-IHM023V2, updated
Section 1, Figure 1, Section 2.1, Section 3.1, Figure 3 to Figure 8,
Section 3.3, Section 4 to Section 12, minor text and graphic
modifications throughout the document.
28-Jun-2011
4
Updated Table 12, corrected typo in Figure 7 and Figure 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com