Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0723 Datasheet(PDF) 34 Page - STMicroelectronics

Part # UM0723
Description  1 kW three-phase motor control demonstration board
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0723 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button UM0723 Datasheet HTML 30Page - STMicroelectronics UM0723 Datasheet HTML 31Page - STMicroelectronics UM0723 Datasheet HTML 32Page - STMicroelectronics UM0723 Datasheet HTML 33Page - STMicroelectronics UM0723 Datasheet HTML 34Page - STMicroelectronics UM0723 Datasheet HTML 35Page - STMicroelectronics UM0723 Datasheet HTML 36Page - STMicroelectronics UM0723 Datasheet HTML 37Page - STMicroelectronics UM0723 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
Bill of material
UM0723
34/48
Doc ID 15870 Rev 4
7
Bill of material
A list of components used to build the demonstration board is shown in Table 11. The
majority of the active components used are available from STMicroelectronics.
Table 11.
Bill of material
Quan-
tity
Reference
Value / generic
part number
Package / class
Manufacturer
2
C1, C5
2.2 nF/Y1
Y1 safety CAP - 4.7 nF
Murata Manufacturing
Co., Ltd.
2
C2, C3
1200
μF/250 V
Elyt. capacitor, RM 10 mm,
30 x 45, 105 °C
Panasonic
1C13
N.C.
1
C14
220 nF/25 V
Capacitor, SMD 0805
1
C15
3.3
μF/450 V
Panasonic
1
C16
1
μF/50 V
Elyt. capacitor, SMD 4 x 4
Panasonic
1
C19
100
μF/25 V
Elyt. capacitor, SMD 8 x 8
Panasonic
9
C66, C67, C71, C72,
C73, C26, C24, C27,
C28, C6, C7, C17,
C18, C10, C11
100 nF/25 V
Capacitor, SMD 0805
3
C69, C70, C74
10 pF/25 V
Capacitor, SMD 0805
1
C25
4.7
μF/25 V
Elyt. capacitor, SMD 4 x 4
Panasonic
1
C29
2.2 nF/25 V
Capacitor, SMD 0805
1
C30
4.7 nF/25 V
Capacitor, SMD 0805
3
C31, C42, C53
330 pF/25 V
Capacitor, SMD 0805
6
C32, C33, C43, C44,
C54, C55
1
μF/50 V
Capacitor, SMD 1206; 50 V
6
C34, C35, C45, C46,
C58, C59
10 pF/25 V
Capacitor, SMD 0805
4
C36, C47, C60, C75
1 nF/25 V
Capacitor, SMD 0805
3
C37, C48, C61
470 nF/25 V
Capacitor, SMD 0805
3
C39, C50, C62
100 pF/25 V
Capacitor, SMD 0805
1
C4
150 nF/X2
Foil X2 capacitor, RM 22.5 mm
Arcotronics
3
C40, C49, C63
2.2 nF/25 V
Capacitor, SMD 0805
3
C41, C51, C64
33 pF/25 V
Capacitor, SMD 0805
1
C52
330 pF/25 V
Capacitor, SMD 0805
1
C65
100 pF/25 V
Capacitor, SMD 0805
1
C56
100 nF/25 V
Capacitor, SMD 0805
1
C57
470 pF/25 V
Capacitor, SMD 0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com