Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0723 Datasheet(PDF) 38 Page - STMicroelectronics

Part # UM0723
Description  1 kW three-phase motor control demonstration board
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0723 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button UM0723 Datasheet HTML 34Page - STMicroelectronics UM0723 Datasheet HTML 35Page - STMicroelectronics UM0723 Datasheet HTML 36Page - STMicroelectronics UM0723 Datasheet HTML 37Page - STMicroelectronics UM0723 Datasheet HTML 38Page - STMicroelectronics UM0723 Datasheet HTML 39Page - STMicroelectronics UM0723 Datasheet HTML 40Page - STMicroelectronics UM0723 Datasheet HTML 41Page - STMicroelectronics UM0723 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
Bill of material
UM0723
38/48
Doc ID 15870 Rev 4
1
J3
Con. 5 mm, 2P
Connector RM 5 mm, 2-pole,
screw
PHOENIX CONTACT
1
J4
Connector 5P
Autocom HE14 5-pin
Stelvio Kontek
1
J5
MLW34G
MLW connector 34-pin
Tyco Electronics
1
J6
Con. 5 mm, 2P
Connector RM 5 mm, 2-pole,
screw
PHOENIX CONTACT
1J7
Con. 2.54 mm
12-pin
Pins RM 2.54 mm female, 12-pin
1
J8
Con. 5 mm, 2P
Connector RM 5 mm, 2-pole,
screw
PHOENIX CONTACT
1
W1
Jumper 2.54
Three pins of break way +
jumper in position 3.3 V
1
W10
Jumper 2.54
Two pins of break way + jumper
1
W11
Jumper 2.54
Three pins of break way +
jumper in position 3.3 V
3
W13
Mounting hole
Three way HV selector, default
three-shunt position
1
Insulated jumper
blue
HV insulated jumper, 5.08 mm,
default three-shunt position
3
W3
Mounting hole
Three way HV selector
1
Insulated jumper
blue
HV insulated jumper, 5.08 mm,
default “HIGH VOLTAGE”
position
1
W4
Jumper 2.54
Two pins of break way + jumper
1
W5
Jumper 2.54
Three pins of break way +
jumper in position R_BRAKE
1
W6
Jumper 2.54
Two pins of break way
1
W7
Jumper 2.54
Two pins of break way
3
W9
Mounting hole
Three way HV selector, default
three-shunt position
1
Insulated jumper
blue
HV insulated jumper, 5.08 mm,
default three-shunt position
1
W14
Wire jumper
Not assembled
1
W16
Jumper 2.54
Three pins of break way +
jumper in position 1
150 mm Het 1
Heatsink
150 mm of AL profile 8693
PADA Engineering
1Het 2
Heatsink
Heatsink for TO-220 with
montage pin
PADA Engineering
7
Clip for het
Montage clip PADA 7704,
TO-220, 10 mm
PADA Engineering
Table 11.
Bill of material (continued)
Quan-
tity
Reference
Value / generic
part number
Package / class
Manufacturer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com