Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0723 Datasheet(PDF) 20 Page - STMicroelectronics

Part # UM0723
Description  1 kW three-phase motor control demonstration board
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0723 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button UM0723 Datasheet HTML 16Page - STMicroelectronics UM0723 Datasheet HTML 17Page - STMicroelectronics UM0723 Datasheet HTML 18Page - STMicroelectronics UM0723 Datasheet HTML 19Page - STMicroelectronics UM0723 Datasheet HTML 20Page - STMicroelectronics UM0723 Datasheet HTML 21Page - STMicroelectronics UM0723 Datasheet HTML 22Page - STMicroelectronics UM0723 Datasheet HTML 23Page - STMicroelectronics UM0723 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
Board description
UM0723
20/48
Doc ID 15870 Rev 4
values, must be converted to be compatible with the single positive input of the
microcontroller A/D converter used to read the current value. This means that the op amp
must be polarized in order to obtain a voltage on the output that makes it possible to
measure the symmetrical alternating input signal.
The op amp is used in follower mode with the gain of the op amp set by resistor r and R:
Equation 2
It is possible to calculate the voltage on the output of the op amp, OP OUT - VOUT, as the
sum of a bias, VBIAS, and a signal, VSIGN, component equal to:
Equation 3
Total gain of the circuit including the resistors’ divider is equal to:
Equation 4
with the default values this gives:
●
VBIAS = 1.7 V
●
G = 4.3
●
GTOT = 1.7
●
Maximum current amplifiable without distortion is 6.5 A.
Please observe that the user can modify the max. current value by changing the values of
the shunt resistors.
G
Rr
+
r
------------
=
V
OU T
V
SIGN
V
BIAS
+
=
V
BI AS
3.3
1
R1
--------
1
R2
--------
1
R3
--------
++
⎝⎠
⎛⎞
R3
×
----------------------------------------------------------
G
×
=
V
SIGN
IR
SHUNT
×
1
R1
--------
1
R2
--------
1
R3
--------
++
⎝⎠
⎛⎞
R1
×
----------------------------------------------------------
G
×
=
G
TOT
V
SI GN
V
IN
----------------
V
SI GN
R
SHUN T
I
×
-----------------------------
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com