Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0723 Datasheet(PDF) 46 Page - STMicroelectronics

Part # UM0723
Description  1 kW three-phase motor control demonstration board
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0723 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button UM0723 Datasheet HTML 40Page - STMicroelectronics UM0723 Datasheet HTML 41Page - STMicroelectronics UM0723 Datasheet HTML 42Page - STMicroelectronics UM0723 Datasheet HTML 43Page - STMicroelectronics UM0723 Datasheet HTML 44Page - STMicroelectronics UM0723 Datasheet HTML 45Page - STMicroelectronics UM0723 Datasheet HTML 46Page - STMicroelectronics UM0723 Datasheet HTML 47Page - STMicroelectronics UM0723 Datasheet HTML 48Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 46 / 48 page
background image
Using STEVAL-IHM023V2 with STM32 PMSM FOC firmware library v3.0
UM0723
46/48
Doc ID 15870 Rev 4
Phases U, V, W high-side polarity
Active high
Phases U, V, W low-side polarity
Active low
Temperature sensing
Available
V0 (mV)
875
T0 (°C)
25
ΔV/ΔT (mV/°C)
28
Max. working temperature on sensor (°C)
70
Overcurrent protection
Available
Comparator threshold (V)
0.5
Overcurrent network gain (V/A)
0.075
Expected overcurrent threshold (A)
6.25
Overcurrent feedback signal polarity
Active low
Overcurrent protection disabling network
Available if W5 is set to OCP OFF position, not
available otherwise
Overcurrent protection disabling network polarity
Active low
Current sensing
Current reading topology
Configurable
Shunt resistor(s) value (
Ω)
0.15
Amplifying network gain
1.7
T-noise (ns)
2000
T-rise (ns)
2000
Power switches
Min. deadtime (ns)
800
Max. switching frequency (kHz)
50
Table 12.
STEVAL-IHM023V2 motor control workbench parameters (continued)
Variable
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com