Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0723 Datasheet(PDF) 17 Page - STMicroelectronics

Part # UM0723
Description  1 kW three-phase motor control demonstration board
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0723 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button UM0723 Datasheet HTML 13Page - STMicroelectronics UM0723 Datasheet HTML 14Page - STMicroelectronics UM0723 Datasheet HTML 15Page - STMicroelectronics UM0723 Datasheet HTML 16Page - STMicroelectronics UM0723 Datasheet HTML 17Page - STMicroelectronics UM0723 Datasheet HTML 18Page - STMicroelectronics UM0723 Datasheet HTML 19Page - STMicroelectronics UM0723 Datasheet HTML 20Page - STMicroelectronics UM0723 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
UM0723
Board description
Doc ID 15870 Rev 4
17/48
Figure 9.
Power supply block diagram
3.3.2
Inrush limitation
The input stage of the demonstration board is provided with the 10
Ω NTC resistor to
eliminate input inrush current peak during charging of the bulk capacitors. To achieve
a higher efficiency of the inverter, it is possible to bypass the NTC after the startup phase.
The NTC bypass signal is provided from the MCU board through the J5 connector. The
yellow D27 LED diode is turned off when the inrush NTC is bypassed.
The STEVAL-IHM023V2 demonstration board contains only a basic EMI filter based on X2
and Y2 capacitors. The main function of this demonstration board is as a universal testing
platform. For this reason, the EMI filter is not able to absorb EMI distortion coming from the
inverter for all ranges of the applications used and the design of the filter is up to the user.
The EMI filter must be designed according to the motor and final target applications used.
The heatsink itself is connected to the earth pin in the input J1 connector. If the
demonstration board is used only with DC voltage, it is recommended to connect the
heatsink to a negative voltage potential - common ground.
3.3.3
Brake function
The hardware brake feature has been implemented on the STEVAL-IHM023V2
demonstration board. This feature connects the external resistive load applied to the J6
connector to the bus to eliminate overvoltage generated when the motor acts as
a generator. Such a connected load must be able to dissipate all motor generated energy.
The brake feature functions automatically in the case of bus overvoltage. Voltage on the bus
is sensed through the voltage divider with resistors R23, R24, and R31 and compared to the
voltage reference built around the Zener diode D26. The brake dummy load is switched on
when voltage on the bus reaches 440 VDC and is switched off when the voltage falls below
420 VDC. This voltage level has been chosen to be fully compliant with the possible use of
front-end PFC stage. Another possibility, to activate the brake dummy load, is to use the
external signal coming through the J5 motor connector (PWM_Brake signal) from the
connected MCU board. This function is active with the jumper W5 in position “R_BRAKE”.
The brake threshold levels can be modified by calculating R23, R24, and R34 new values.
The D28 red LED diode indicates acting brake switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com